Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT12N20DX Datasheet (PDF) - Zetex Semiconductors

ZXT12N20DX Datasheet PDF - Zetex Semiconductors
Part # ZXT12N20DX
Download  ZXT12N20DX Download
File Size   259.82 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT12N20DX Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT12N20DX Datasheet PDF - Zetex Semiconductors

Part # ZXT12N20DX
Download  ZXT12N20DX Click to download

File Size   259.82 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT12N20DX Datasheet (HTML) - Zetex Semiconductors


ZXT12N20DX Product details

SUMMARY
VCEO=20V; RSAT = 40mΩ; IC= 3.5A

DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications.

FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• hFE characterised up to 10A
• IC=3.5A Continuous Collector Current
• MSOP8 package

APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control




Similar Part No. - ZXT12N20DX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT12N20DX DIODES-ZXT12N20DX Datasheet
270Kb / 6P
DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXT12N20DXTA DIODES-ZXT12N20DXTA Datasheet
270Kb / 6P
DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXT12N20DXTC DIODES-ZXT12N20DXTC Datasheet
270Kb / 6P
DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
More results


Similar Description - ZXT12N20DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10N20DE6 ZETEX-ZXT10N20DE6 Datasheet
230Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX ZETEX-ZXT14N20DX Datasheet
262Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13N20DE6 ZETEX-ZXT13N20DE6 Datasheet
432Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10N20DE6 DIODES-ZXT10N20DE6 Datasheet
243Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXT12N20DX DIODES-ZXT12N20DX Datasheet
270Kb / 6P
DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXT13N20DE6 DIODES-ZXT13N20DE6 Datasheet
442Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 1999
ZXTD618MC DIODES-ZXTD618MC Datasheet
190Kb / 7P
DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXTDBM832 DIODES-ZXTDBM832 Datasheet
432Kb / 6P
DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXT14N20DX DIODES-ZXT14N20DX Datasheet
267Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXTD618MC DIODES-ZXTD618MC_15 Datasheet
228Kb / 7P
DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com