Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTDBM832 Datasheet (PDF) - Diodes Incorporated

ZXTDBM832 Datasheet PDF - Diodes Incorporated
Part # ZXTDBM832
Download  ZXTDBM832 Download
File Size   432.75 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXTDBM832 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTDBM832 Datasheet PDF - Diodes Incorporated

Part # ZXTDBM832
Download  ZXTDBM832 Click to download

File Size   432.75 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXTDBM832 Datasheet (HTML) - Diodes Incorporated


ZXTDBM832 Product details

DESCRIPTION
Packaged in the innovative 3mm x 2mm MLP (Micro Leaded Package) outline, these new 4th generation low saturation dual transistors offer extremely low on state losses making them ideal for use in DC-DC circuits and various driving and power management functions.

Additionally users gain several other key benefits:
   Performance capability equivalent to much larger packges
   Improved circuit efficiency & power levels
   PCB area and device placement savings
   Lower package height (nom 0.9mm)
   Reduced component count

FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (150mV @1A)
• hFE characterised up to 6A
• IC=4.5A Continuous Collector Current
• 3mm x 2mm MLP

APPLICATIONS
• DC - DC Converters
• Charging circuits
• Power switches
• Motor control




Similar Part No. - ZXTDBM832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDBM832 ZETEX-ZXTDBM832 Datasheet
224Kb / 6P
MPPS-TM Miniature Package Power Solutions DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Similar Description - ZXTDBM832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10N20DE6 ZETEX-ZXT10N20DE6 Datasheet
230Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12N20DX ZETEX-ZXT12N20DX Datasheet
259Kb / 6P
DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX ZETEX-ZXT14N20DX Datasheet
262Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13N20DE6 ZETEX-ZXT13N20DE6 Datasheet
432Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10N20DE6 DIODES-ZXT10N20DE6 Datasheet
243Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXT12N20DX DIODES-ZXT12N20DX Datasheet
270Kb / 6P
DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXT13N20DE6 DIODES-ZXT13N20DE6 Datasheet
442Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 1999
ZXTD618MC DIODES-ZXTD618MC Datasheet
190Kb / 7P
DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXT14N20DX DIODES-ZXT14N20DX Datasheet
267Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXTD618MC DIODES-ZXTD618MC_15 Datasheet
228Kb / 7P
DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com