Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT12N20DX Datasheet (PDF) - Diodes Incorporated

ZXT12N20DX Datasheet PDF - Diodes Incorporated
Part # ZXT12N20DX
Download  ZXT12N20DX Download
File Size   270.93 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT12N20DX Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT12N20DX Datasheet PDF - Diodes Incorporated

Part # ZXT12N20DX
Download  ZXT12N20DX Click to download

File Size   270.93 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT12N20DX Datasheet (HTML) - Diodes Incorporated


ZXT12N20DX Product details

SUMMARY
VCEO=20V; RSAT = 40mΩ; IC= 3.5A

DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications.

FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• hFE characterised up to 10A
• IC=3.5A Continuous Collector Current
• MSOP8 package

APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control




Similar Part No. - ZXT12N20DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT12N20DX ZETEX-ZXT12N20DX Datasheet
259Kb / 6P
DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12N20DXTA ZETEX-ZXT12N20DXTA Datasheet
259Kb / 6P
DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12N20DXTC ZETEX-ZXT12N20DXTC Datasheet
259Kb / 6P
DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Similar Description - ZXT12N20DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10N20DE6 ZETEX-ZXT10N20DE6 Datasheet
230Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12N20DX ZETEX-ZXT12N20DX Datasheet
259Kb / 6P
DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX ZETEX-ZXT14N20DX Datasheet
262Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13N20DE6 ZETEX-ZXT13N20DE6 Datasheet
432Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10N20DE6 DIODES-ZXT10N20DE6 Datasheet
243Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXT13N20DE6 DIODES-ZXT13N20DE6 Datasheet
442Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 1999
ZXTD618MC DIODES-ZXTD618MC Datasheet
190Kb / 7P
DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXTDBM832 DIODES-ZXTDBM832 Datasheet
432Kb / 6P
DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXT14N20DX DIODES-ZXT14N20DX Datasheet
267Kb / 6P
20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXTD618MC DIODES-ZXTD618MC_15 Datasheet
228Kb / 7P
DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com