Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8005 Datasheet (PDF) - Maxim Integrated Products

DS8005 Datasheet PDF - Maxim Integrated Products
Part # DS8005
Download  DS8005 Download
File Size   341.35 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Smart Card Intergace

DS8005 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS8005 Datasheet PDF - Maxim Integrated Products

Part # DS8005
Download  DS8005 Click to download

File Size   341.35 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Smart Card Intergace

DS8005 Datasheet (HTML) - Maxim Integrated Products


DS8005 Product details

General Description
The DS8005 dual smart card interface is a low-cost, dual analog front-end for an IC card reader interface that needs to communicate with two smart cards in a mutually exclusive fashion. The analog interface is designed for use in ISO 7816, EMV®, and B-CAS applications. The device is functionally similar to two DS8024s with external multiplexing to select the active interface, but also includes low power and 1.8V card support. Additionally, the device is designed for applications where the C4/C8 (AUX1/AUX2) contacts are not required on either card interface.

Features
● Analog Interface and Level Shifting for IC Card Communication
● ±8kV (min) ESD (HBM) Protection on Card Interfaces
● Ultra-Low Stop-Mode Current, Less than 10nA Typical
● Internal IC Card Supply-Voltage Generation
    • 5.0V ±5%, 80mA (max)
    • 3.0V ±8%, 65mA (max)
    • 1.8V ±10%, 30mA (max)
● Automatic Card Activation and Deactivation Controlled by Dedicated Internal Sequencer
● I/O Lines from Host Directly Level Shifted for Smart Card Communication
● Flexible Card Clock Generation, Supporting External Crystal Frequency Divided by 1, 2, 4, or 8
● High-Current, Short-Circuit and High-Temperature Protection
● Low Active-Mode Current
● Internal Multiplexing Allows One ISO 7816 UART
● Implementation to Control Two Smart Card Sockets

Applications
● Set-Top Box Conditional Access
● Telecommunications
● Pay Television
● Access Control
● Financial Terminals




Similar Part No. - DS8005

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007 MAXIM-DS8007 Datasheet
331Kb / 41P
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
logo
Dallas Semiconductor
DS8007-ENG DALLAS-DS8007-ENG Datasheet
350Kb / 41P
Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007-ENG MAXIM-DS8007-ENG Datasheet
331Kb / 41P
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
logo
Dallas Semiconductor
DS8007-ENG+ DALLAS-DS8007-ENG+ Datasheet
350Kb / 41P
Multiprotocol Dual Smart Card Interface
More results


Similar Description - DS8005

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
SMART CARD INTERFACE
Dec-1992
logo
ITT Industries
CCM02-MKI ITT-CCM02-MKI Datasheet
68Kb / 1P
Smart Card
CCM04-MKII ITT-CCM04-MKII Datasheet
62Kb / 1P
Smart Card
CCM-J ITT-CCM-J Datasheet
63Kb / 1P
Smart Card
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
Smart Card Interface
Rev 1; 2/08
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
Smart Card Interface
logo
Maxim Integrated Produc...
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
Smart Card Interface
Rev 2; 2/12
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com