Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1624 Datasheet (PDF) - Microchip Technology

MCP1624 Datasheet PDF - Microchip Technology
Part # MCP1624
Download  MCP1624 Download
File Size   571.38 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers

MCP1624 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1624 Datasheet PDF - Microchip Technology

Part # MCP1624
Download  MCP1624 Click to download

File Size   571.38 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers

MCP1624 Datasheet (HTML) - Microchip Technology


MCP1624 Product details

General Description
The MCP1623/24 is a compact, high-efficiency, fixed-frequency, synchronous step-up DC-DC converter. It provides an easy-to-use power supply solution for PIC® microcontroller applications powered by either single-cell, two-cell, or three-cell alkaline, NiCd, NiMH, and single-cell Li-Ion or Li-Polymer batteries.

Features
• Up to 96% Typical Efficiency
• 425 mA Typical Peak Input Current Limit:
   - IOUT > 50 mA @ 1.2V VIN, 3.3V VOUT
   - IOUT > 175 mA @ 2.4V VIN, 3.3V VOUT
   - IOUT > 175 mA @ 3.3V VIN, 5.0V VOUT
• Low Start-Up Voltage: 0.65V, 3.3V VOUT @ 1 mA (typical)
• Low Operating Input Voltage: 0.35V, typical 3.3VOUT @ 1 mA
• Adjustable Output Voltage Range: 2.0V to 5.5V
• Maximum Input Voltage  VOUT < 5.5V
• Automatic PFM/PWM Operation (MCP1624)
• PWM-Only Operation (MCP1623)
• PWM Operation: 500 kHz
• Low Device Quiescent Current: 19 µA, typical PFM Mode
• Internal Synchronous Rectifier
• Internal Compensation
• Inrush Current Limiting and Internal Soft Start
• True Load Disconnect
• Shutdown Current (All States): <1 µA
• Low Noise, Anti-Ringing Control
• Overtemperature Protection
• Available Packages:
   - 6-Lead SOT-23
   - 8-Lead 2 x 3 DFN

Applications
• One, Two and Three-Cell Alkaline and NiMH/NiCd Low-Power PIC® Microcontroller Applications




Similar Part No. - MCP1624

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1624 MICROCHIP-MCP1624 Datasheet
543Kb / 26P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
MCP1624-I/CH MICROCHIP-MCP1624-I/CH Datasheet
485Kb / 30P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
MCP1624-I/CHY MICROCHIP-MCP1624-I/CHY Datasheet
543Kb / 26P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
MCP1624-I/CHY MICROCHIP-MCP1624-I/CHY Datasheet
485Kb / 30P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
MCP1624-I/MC MICROCHIP-MCP1624-I/MC Datasheet
485Kb / 30P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
More results


Similar Description - MCP1624

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4851 MICRO-LINEAR-ML4851 Datasheet
286Kb / 9P
Low Current, Voltage Boost Regulator
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
logo
RICOH electronics devic...
R1152N RICOH-R1152N Datasheet
411Kb / 21P
High Input Voltage Tolerant Boost Voltage Regulator
logo
Semtech Corporation
SC120 SEMTECH-SC120_10 Datasheet
557Kb / 32P
Low Voltage Synchronous Boost Regulator
logo
Microchip Technology
MCP1623 MICROCHIP-MCP1623_10 Datasheet
543Kb / 26P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
MCP1623 MICROCHIP-MCP1623_11 Datasheet
596Kb / 28P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2011
DS41401A MICROCHIP-DS41401A Datasheet
687Kb / 42P
F1 Evaluation Platform for Enhanced PIC짰 Microcontrollers
2009
DS41614A MICROCHIP-DS41614A Datasheet
4Mb / 44P
F1 LV Evaluation Platform for Enhanced PIC짰 Microcontrollers
2011
MCP1623 MICROCHIP-MCP1623_16 Datasheet
485Kb / 30P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
PIC16F527 MICROCHIP-PIC16F527 Datasheet
5Mb / 12P
8-bit PIC짰 Microcontrollers
03/12/14
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com