Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1624 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1624
Description  Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1624 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1624 Datasheet HTML 1Page - Microchip Technology MCP1624 Datasheet HTML 2Page - Microchip Technology MCP1624 Datasheet HTML 3Page - Microchip Technology MCP1624 Datasheet HTML 4Page - Microchip Technology MCP1624 Datasheet HTML 5Page - Microchip Technology MCP1624 Datasheet HTML 6Page - Microchip Technology MCP1624 Datasheet HTML 7Page - Microchip Technology MCP1624 Datasheet HTML 8Page - Microchip Technology MCP1624 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2010 Microchip Technology Inc.
DS41420A-page 1
MCP1623/24
Features
• Up to 96% Typical Efficiency
• 425 mA Typical Peak Input Current Limit:
-IOUT > 50 mA @ 1.2V VIN, 3.3V VOUT
-IOUT > 175 mA @ 2.4V VIN, 3.3V VOUT
-IOUT > 175 mA @ 3.3V VIN, 5.0V VOUT
• Low Start-up Voltage: 0.65V, typical 3.3V VOUT
@ 1 mA
• Low Operating Input Voltage: 0.35V, typical
3.3VOUT @ 1 mA
• Adjustable Output Voltage Range: 2.0V to 5.5V
• Maximum Input Voltage
 VOUT < 5.5V
• Automatic PFM/PWM Operation (MCP1624)
• PWM-only Operation (MCP1623)
• 500 kHz PWM Frequency
• Low Device Quiescent Current: 19 µA, typical
PFM mode
• Internal Synchronous Rectifier
• Internal Compensation
• Inrush Current Limiting and Internal Soft-Start
• True Load Disconnect
• Shutdown Current (All States): < 1 µA
• Low Noise, Anti-Ringing Control
• Overtemperature Protection
• SOT-23-6 Package
Applications
• One, Two and Three Cell Alkaline and NiMH/NiCd
Low-Power PIC® Microcontroller Applications
General Description
The MCP1623/24 is a compact, high-efficiency, fixed
frequency, synchronous step-up DC-DC converter. It
provides an easy-to-use power supply solution for PIC
microcontroller applications powered by either one-cell,
two-cell, or three-cell alkaline, NiCd, NiMH, one-cell
Li-Ion or Li-Polymer batteries.
Low-voltage technology allows the regulator to start up
without high inrush current or output voltage overshoot
from a low 0.65V input. High efficiency is accomplished by
integrating the low resistance N-Channel Boost switch
and synchronous P-Channel switch. All compensation
and protection circuitry are integrated to minimize external
components. For standby applications, the MCP1624
operates and consumes only 19 µA while operating at no
load. The MCP1623 device option is available that
operates in PWM-only mode.
A “true” load disconnect mode provides input to output
isolation while disabled (EN = GND) by removing the
normal boost regulator diode path from input to output.
This mode consumes less than 1 µA of input current.
Output voltage is set by a small external resistor
divider.
Packaging
4
1
2
3
6 VIN
VFB
SW
GND
EN
5 VOUT
MCP1623/24
6-Lead SOT-23
Low-Voltage Input Boost Regulator
for PIC® Microcontrollers


Similar Part No. - MCP1624

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1624 MICROCHIP-MCP1624 Datasheet
543Kb / 26P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
MCP1624-I/CH MICROCHIP-MCP1624-I/CH Datasheet
485Kb / 30P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
MCP1624-I/CHY MICROCHIP-MCP1624-I/CHY Datasheet
543Kb / 26P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
MCP1624-I/CHY MICROCHIP-MCP1624-I/CHY Datasheet
485Kb / 30P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
MCP1624-I/MC MICROCHIP-MCP1624-I/MC Datasheet
485Kb / 30P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
More results

Similar Description - MCP1624

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4851 MICRO-LINEAR-ML4851 Datasheet
286Kb / 9P
Low Current, Voltage Boost Regulator
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
logo
RICOH electronics devic...
R1152N RICOH-R1152N Datasheet
411Kb / 21P
High Input Voltage Tolerant Boost Voltage Regulator
logo
Semtech Corporation
SC120 SEMTECH-SC120_10 Datasheet
557Kb / 32P
Low Voltage Synchronous Boost Regulator
logo
Microchip Technology
MCP1623 MICROCHIP-MCP1623_10 Datasheet
543Kb / 26P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
MCP1623 MICROCHIP-MCP1623_11 Datasheet
596Kb / 28P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2011
DS41401A MICROCHIP-DS41401A Datasheet
687Kb / 42P
F1 Evaluation Platform for Enhanced PIC짰 Microcontrollers
2009
DS41614A MICROCHIP-DS41614A Datasheet
4Mb / 44P
F1 LV Evaluation Platform for Enhanced PIC짰 Microcontrollers
2011
MCP1623 MICROCHIP-MCP1623_16 Datasheet
485Kb / 30P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
PIC16F527 MICROCHIP-PIC16F527 Datasheet
5Mb / 12P
8-bit PIC짰 Microcontrollers
03/12/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com