Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5492 Datasheet (PDF) - Maxim Integrated Products

MAX5492 Datasheet PDF - Maxim Integrated Products
Part # MAX5492
Download  MAX5492 Download
File Size   147.34 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10k廓 Precision-Matched Resistor-Divider in SOT23

MAX5492 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5492 Datasheet PDF - Maxim Integrated Products

Part # MAX5492
Download  MAX5492 Click to download

File Size   147.34 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10k廓 Precision-Matched Resistor-Divider in SOT23

MAX5492 Datasheet (HTML) - Maxim Integrated Products


MAX5492 Product details

General Description

The MAX5492 precision resistor-divider consists of two accurately matched resistors with access to the ends and center of the divider. This device offers excellent resistance matching of 0.035% (A grade), 0.05% (B grade), and 0.1% (C grade). The MAX5492 includes an extremely low-resistance-ratio temperature drift of 1.5ppm/°C (typ) over -55°C to +125°C, and has an end to-end resistance of 10kΩ. Resistance ratios from 1:1 to 10:1 are available. Five standard ratios are available (see Table 1), and custom ratios are also available upon request. To enhance device and system robustness, the MAX5492 features ±2kV Human Body Model electrostat ic discharge (ESD) protection to ensure against real world ESD events. The MAX5492 is ideal for precision gain-setting applications where tight resistance matching and low temperature drift are necessary.



Features

♦ Resistance Ratios from 1:1 to 10:1

♦ Custom Ratios Available Upon Request

♦ Tight Initial Ratio Accuracy

0.035% (MAX5492A)

0.05% (MAX5492B)

0.1% (MAX5492C)

♦ Low 1.5ppm/°C (typ) Resistor-Ratio-Drift (1.1:1)

♦ Up to 40V Operating Voltage Across Sum of R1 and R2

♦ Tiny 5-Pin SOT23 Package




Similar Part No. - MAX5492

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX549 MAXIM-MAX549 Datasheet
172Kb / 16P
2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
MAX5490 MAXIM-MAX5490 Datasheet
111Kb / 8P
100k ?쪷recision-Matched Resistor-Divider in SOT23
Rev 1; 8/04
MAX5490 MAXIM-MAX5490 Datasheet
186Kb / 8P
100k ?쪷recision-Matched Resistor-Divider in SOT23
19-3337; Rev 2; 3/05
MAX5490PA02500-T MAXIM-MAX5490PA02500-T Datasheet
111Kb / 8P
100k ?쪷recision-Matched Resistor-Divider in SOT23
Rev 1; 8/04
MAX5490RB03000-T MAXIM-MAX5490RB03000-T Datasheet
111Kb / 8P
100k ?쪷recision-Matched Resistor-Divider in SOT23
Rev 1; 8/04
More results


Similar Description - MAX5492

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5491 MAXIM-MAX5491 Datasheet
155Kb / 7P
Precision-Matched Resistor-Divider in SOT23
Rev 3; 12/04
MAX5490 MAXIM-MAX5490 Datasheet
111Kb / 8P
100k ?쪷recision-Matched Resistor-Divider in SOT23
Rev 1; 8/04
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
Precision High-Voltage Reference in SOT23
Rev 1; 5/04
logo
California Micro Device...
PRN105 CALMIRCO-PRN105 Datasheet
52Kb / 2P
SOT23 Thin Film Precision Voltage Divider Network
logo
IRC - a TT electronics ...
SOT-DIV23-01-1002-1002B IRCTT-SOT-DIV23-01-1002-1002B Datasheet
292Kb / 2P
SOT23 Surface Mount Voltage Divider
logo
Maxim Integrated Produc...
MAX5490 MAXIM-MAX5490_05 Datasheet
186Kb / 8P
100k ?쪷recision-Matched Resistor-Divider in SOT23
19-3337; Rev 2; 3/05
logo
TT Electronics.
DIV23 TTELEC-DIV23_17 Datasheet
546Kb / 3P
SOT23 Surface Mount Voltage Divider
logo
Analog Devices
LT5401 AD-LT5401 Datasheet
939Kb / 16P
Matched Resistor Network for Precision Amplifiers
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
Precision High-Voltage Reference in SOT23
2021
logo
Vishay Siliconix
100267 VISHAY-100267 Datasheet
70Kb / 3P
Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
15-Sep-2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com