Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP209G Datasheet (PDF) - Power Integrations, Inc.

TOP209G Datasheet PDF - Power Integrations, Inc.
Part # TOP209G
Download  TOP209G Download
File Size   446.8 Kbytes
Page   16 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Three-terminal Off-line PWM Switch

TOP209G Datasheet (PDF)

Go To PDF Page Download Datasheet
TOP209G Datasheet PDF - Power Integrations, Inc.

Part # TOP209G
Download  TOP209G Click to download

File Size   446.8 Kbytes
Page   16 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Three-terminal Off-line PWM Switch

TOP209G Datasheet (HTML) - Power Integrations, Inc.


TOP209G Product details

Description
The TOP209/210 implements all functions necessary for an off-line switched mode control system: high voltage N-channel power MOSFET with controlled turn-on gate driver, voltage mode PWM controller with integrated oscillator, high voltage start-up bias circuit, bandgap derived reference, bias shunt regulator/error amplifier for loop compensation and fault protection circuitry. Compared to discrete MOSFET and controller or self oscillating (RCC) switching converter solutions, a TOPSwitch integrated circuit can reduce total cost, component count, size, weight and at the same time increase efficiency and system reliability. The TOP209/210 are intended for 100/110/230 VAC off-line Power Supply applications in the 0 to 8 W (0 to 5 W universal) range.

Product Highlights
Cost Effective Switcher for Low Power Applications
• Replaces linear power supplies
• Replaces discrete switcher and 20 to 50 components
   – cuts cost, increases reliability
• Stand-by power supplies for Green or energy efficient
   products such as personal computers, monitors, UPS,
   copiers, fax machines, etc.
• Housekeeping or "keep-alive" power supply applications
   such as TV, appliances, industrial control and personal
   computers
• Meets Blue Angel low power stand-by specification
• Controlled MOSFET turn-on reduces EMI and EMI filter
   costs
• 80% smaller and lighter compared to linear supply
• 50% smaller compared to discrete switcher

Over 80% Efficiency in Flyback Topology
• Built-in start-up and current limit reduce DC losses
• Low capacitance 700 V MOSFET cuts AC losses
• CMOS controller/gate driver consumes only 6 mW
• 70% maximum duty cycle minimizes conduction losses

Simplifies Design – Reduces Time to Market
• Supported by reference design boards
• Integrated PWM Controller and 700 V MOSFET in
   industry standard eight pin DIP package
• Only one external capacitor needed for compensation,
   bypass and start-up/auto-restart functions
• Easily interfaces with both opto and primary feedback

System Level Fault Protection Features
• Auto-restart and cycle by cycle current limiting functions
   handle both primary and secondary faults
• On-chip thermal shutdown with hysteresis protects the
entire system against overload




Similar Part No. - TOP209G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP200 POWERINT-TOP200 Datasheet
160Kb / 16P
Three-terminal Off-line PWM Switch
TOP200 POWERINT-TOP200 Datasheet
128Kb / 16P
Three-terminal Off-line PWM Switch
July 1996
logo
TRACO Electronic AG
TOP200 TRACOPOWER-TOP200 Datasheet
1Mb / 5P
AC/DC Power Supply TOP 200 Series, 200 Watt
Rev. November 30, 2022
TOP200-112 TRACOPOWER-TOP200-112 Datasheet
1Mb / 5P
AC/DC Power Supply TOP 200 Series, 200 Watt
Rev. November 30, 2022
TOP200-115 TRACOPOWER-TOP200-115 Datasheet
1Mb / 5P
AC/DC Power Supply TOP 200 Series, 200 Watt
Rev. November 30, 2022
More results


Similar Description - TOP209G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP100-4 POWERINT-TOP100-4 Datasheet
166Kb / 20P
Three-terminal Off-line PWM Switch
TOP200-4 POWERINT-TOP200-4 Datasheet
160Kb / 16P
Three-terminal Off-line PWM Switch
TOP221P POWERINT-TOP221P Datasheet
176Kb / 20P
Three-terminal Off-line PWM Switch
TOP224YN POWERINT-TOP224YN Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP221GN POWERINT-TOP221GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP101YN POWERINT-TOP101YN Datasheet
1Mb / 18P
Three-terminal Off-line PWM Switch
TOP221GN-TL POWERINT-TOP221GN-TL Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
Three-terminal Off-line PWM Switch
July 1996
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com