Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP209G Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # TOP209G
Description  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP209G Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button TOP209G Datasheet HTML 5Page - Power Integrations, Inc. TOP209G Datasheet HTML 6Page - Power Integrations, Inc. TOP209G Datasheet HTML 7Page - Power Integrations, Inc. TOP209G Datasheet HTML 8Page - Power Integrations, Inc. TOP209G Datasheet HTML 9Page - Power Integrations, Inc. TOP209G Datasheet HTML 10Page - Power Integrations, Inc. TOP209G Datasheet HTML 11Page - Power Integrations, Inc. TOP209G Datasheet HTML 12Page - Power Integrations, Inc. TOP209G Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
A
8/97
TOP209/210
9
ABSOLUTE MAXIMUM RATINGS(1)
DRAIN Voltage ........................................... - 0.3 to 700 V
CONTROL Voltage ..................................... - 0.3 V to 9 V
CONTROL Current ............................................... 100 mA
1. Unless noted, all voltages referenced to SOURCE,
T
A = 25 °C.
Storage Temperature ..................................... -65 to 150
°C
Operating Junction Temperature(2) ................ -40 to 150
°C
Lead Temperature(3) ................................................ 260
°C
Thermal Impedance (
θ
JA) ................................... 100 °C/W
Thermal Impedance (
θ
JC) ..................................... 40 °C/W
2. Normally limited by internal circuitry.
3. 1/16" from case for 5 seconds.
f
OSC
D
MAX
D
MIN
I
B
Z
C
I
C
V
C(AR)
CONTROL FUNCTIONS
Output
Frequency
Maximum
Duty Cycle
Minimum
Duty Cycle
PWM
Gain
PWM Gain
Temperature Drift
External
Bias Current
Dynamic
Impedance
Dynamic Impedance
Temperature Drift
CONTROL Pin
Charging Current
Charging Current
Temperature Drift
Auto-restart
Threshold Voltage
kHz
%
%
%/mA
%/mA/
°C
mA
Ω
%/
°C
mA
%/
°C
V
SHUTDOWN/AUTO-RESTART
Conditions
(Unless Otherwise Specified)
Parameter
Symbol
See Figure 12
Units
SOURCE = 0 V
T
J = -40 to 125 °C
Min
Typ
Max
TOP209
TOP210
TOP209
TOP210
I
C = 4 mA, TJ = 25 °C
I
C = ICD1+ 0.5 mA, See Figure 10
I
C = 10 mA
See Figure 10
I
C = 4 mA, TJ = 25 °C
See Figure 4
See Note A
See Figure 4
I
C = 4 mA, TJ = 25 °C
See Figure 11
V
C = 0 V
T
J = 25 °C
V
C = 5 V
See Note A
S1 open
55
70
85
90
100
110
64
67
70
0.5
1.5
2.5
1.0
1.8
3.0
-11
-16
-21
-0.05
1.5
2.5
4
10
15
22
0.18
-2.4
-1.9
-1.2
-2
-1.5
-0.8
0.4
5.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com