Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP209G Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # TOP209G
Description  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP209G Datasheet(HTML) 2 Page - Power Integrations, Inc.

  TOP209G Datasheet HTML 1Page - Power Integrations, Inc. TOP209G Datasheet HTML 2Page - Power Integrations, Inc. TOP209G Datasheet HTML 3Page - Power Integrations, Inc. TOP209G Datasheet HTML 4Page - Power Integrations, Inc. TOP209G Datasheet HTML 5Page - Power Integrations, Inc. TOP209G Datasheet HTML 6Page - Power Integrations, Inc. TOP209G Datasheet HTML 7Page - Power Integrations, Inc. TOP209G Datasheet HTML 8Page - Power Integrations, Inc. TOP209G Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
A
8/97
2
TOP209/210
2
PI-1742-011796
SHUTDOWN/
AUTO-RESTART
PWM
COMPARATOR
CLOCK
SAW
OSCILLATOR
CONTROLLED
TURN-ON
GATE
DRIVER
INTERNAL
SUPPLY
5.7 V
4.7 V
SOURCE
S
R
Q
Q
DMAX
-
+
CONTROL
-
+
5.7 V
IFB
RE
ZC
VC
MINIMUM
ON-TIME
DELAY
+
-
VI
LIMIT
LEADING
EDGE
BLANKING
POWER-UP
RESET
÷ 8
0
1
THERMAL
SHUTDOWN
WITH
HYSTERESIS
SHUNT REGULATOR/
ERROR AMPLIFIER
+
-
DRAIN
Figure 2. Functional Block Diagram.
Pin Functional Description
DRAIN Pin:
Output MOSFET drain connection. Provides internal bias
current during start-up operation via an internal switched high-
voltage current source. Internal current sense point.
CONTROL Pin:
Error amplifier and feedback current input pin for duty cycle
control. Internal shunt regulator connection to provide internal
bias current during normal operation. It is also used as the
supply bypass and auto-restart/compensation capacitor
connection point.
SOURCE Pin:
Control circuit common, internally connected to output
MOSFET source.
SOURCE (HV RTN) Pin:
Output MOSFET source connection for high voltage return.
PI—2044-040901
CONTROL
8
5
7
6
DRAIN
N/C
N/C
N/C
1
4
2
3
N/C
SOURCE (HV RTN)
SOURCE
P Package (DIP-8)
G Package (SMD-8)
Figure 3. Pin Configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com