Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP414 Datasheet (PDF) - Power Integrations, Inc.

TOP414 Datasheet PDF - Power Integrations, Inc.
Part # TOP414
Download  TOP414 Download
File Size   434.62 Kbytes
Page   16 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Three-terminal DC to DC PWM Switch

TOP414 Datasheet (PDF)

Go To PDF Page Download Datasheet
TOP414 Datasheet PDF - Power Integrations, Inc.

Part # TOP414
Download  TOP414 Click to download

File Size   434.62 Kbytes
Page   16 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Three-terminal DC to DC PWM Switch

TOP414 Datasheet (HTML) - Power Integrations, Inc.


TOP414 Product details

Description

The TOPSwitchfamily implements, with only three terminals, all functions necessary for a DC to DC, converter: high voltage N-channel power MOSFET with controlled turn-on gate driver, voltage mode PWM controller with integrated 120 kHz oscillator, high voltage start-up bias circuit, bandgap derived reference, bias shunt regulator/error amplifier for loop compensation and fault protection circuitry.



Product Highlights

Low Cost Replacement for Discrete Switchers

• Up to 15 fewer components - cuts cost, increases reliability

• Allows for a smaller and lighter solution under 12 mm height, all surface mount components



Over 80% Efficiency in Flyback Topology

• Built-in start-up and current limit reduce DC losses

• Low capacitance MOSFET cuts switching losses

• CMOS controller/gate driver consumes only 7 mW

• 70% maximum duty cycle minimizes conduction losses



Simplifies Design - Reduces Time to Market

• Integrated PWM Controller and high power MOSFET

• Only one external capacitor needed for compensation, bypass and start-up/auto-restart functions



System Level Fault Protection Features

• Auto-restart and cycle by cycle current limiting functions handle both primary and secondary faults

• On-chip latching thermal shutdown protects the entire system against overload



Highly Versatile

• Implements Buck, Boost, Flyback or Forward topology

• Easily interfaces with both opto and primary feedback

• Supports continuous or discontinuous mode of operation

• Specified for operation down to 16 V DC input




Similar Part No. - TOP414

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP414GN POWERINT-TOP414GN Datasheet
122Kb / 16P
Three-terminal DC to DC PWM Switch
More results


Similar Description - TOP414

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP200-4 POWERINT-TOP200-4 Datasheet
160Kb / 16P
Three-terminal Off-line PWM Switch
TOP224YN POWERINT-TOP224YN Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP414GN POWERINT-TOP414GN Datasheet
122Kb / 16P
Three-terminal DC to DC PWM Switch
TOP221GN POWERINT-TOP221GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP412 POWERINT-TOP412_04 Datasheet
122Kb / 16P
Three-terminal DC to DC PWM Switch
TOP101YN POWERINT-TOP101YN Datasheet
1Mb / 18P
Three-terminal Off-line PWM Switch
TOP221GN-TL POWERINT-TOP221GN-TL Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
Three-terminal Off-line PWM Switch
July 1996
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com