Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP414 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TOP414
Description  Three-terminal DC to DC PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP414 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TOP414 Datasheet HTML 1Page - Power Integrations, Inc. TOP414 Datasheet HTML 2Page - Power Integrations, Inc. TOP414 Datasheet HTML 3Page - Power Integrations, Inc. TOP414 Datasheet HTML 4Page - Power Integrations, Inc. TOP414 Datasheet HTML 5Page - Power Integrations, Inc. TOP414 Datasheet HTML 6Page - Power Integrations, Inc. TOP414 Datasheet HTML 7Page - Power Integrations, Inc. TOP414 Datasheet HTML 8Page - Power Integrations, Inc. TOP414 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
April 1999
®
TOP412/414
TOPSwitch Family
Three-terminal DC to DC PWM Switch
®
Product Highlights
Low Cost Replacement for Discrete Switchers
• Up to 15 fewer components - cuts cost, increases reliability
• Allows for a smaller and lighter solution under 12 mm
height, all surface mount components
Over 80% Efficiency in Flyback Topology
• Built-in start-up and current limit reduce DC losses
• Low capacitance MOSFET cuts switching losses
• CMOS controller/gate driver consumes only 7 mW
• 70% maximum duty cycle minimizes conduction losses
Simplifies Design - Reduces Time to Market
• Integrated PWM Controller and high power MOSFET
• Only one external capacitor needed for compensation,
bypass and start-up/auto-restart functions
System Level Fault Protection Features
• Auto-restart and cycle by cycle current limiting functions
handle both primary and secondary faults
• On-chip latching thermal shutdown protects the entire
system against overload
Highly Versatile
• Implements Buck, Boost, Flyback or Forward topology
• Easily interfaces with both opto and primary feedback
• Supports continuous or discontinuous mode of operation
• Specified for operation down to 16 V DC input
Description
The TOPSwitch family implements, with only three terminals,
all functions necessary for a DC to DC, converter: high voltage
N-channel power MOSFET with controlled turn-on gate driver,
voltage mode PWM controller with integrated 120 kHz oscillator,
high voltage start-up bias circuit, bandgap derived reference,
bias shunt regulator/error amplifier for loop compensation and
fault protection circuitry. Compared to discrete MOSFET and
controller or self oscillating (RCC) switching converter solutions,
a TOPSwitch integrated circuit can reduce total cost, component
count, size, weight and at the same time increase efficiency and
system reliability.
This device is well suited for Telecom,
Cablecom and other DC to DC converter applications up to
Figure 1. Typical Application.
MINIMUM
INPUT
VOLTAGE
ORDER PART NUMBER
Output Power Capability1-4
18 VDC
3 W
9 W
TOP412G
TOP414G
24 VDC
36 VDC
48 VDC
60 VDC
72 VDC
90 VDC
12 W
Table 1. TOP412/414 Output Power.
4 W
5 W
6 W
7 W
9 W
18 W
21 W
12 W
15 W
15 W
18 W
Notes: 1. Assumes maximum junction temperature of 100
°C
2. Assumes output of 5 V and K
RP of 0.4 3. Soldered to 1 sq. inch
(645 mm2), 2 oz. copper clad (610 gm/mm2) 4. The continuous
power capability in a given application depends on thermal
environment,transformerdesign,efficiencyrequired,inputstorage
capacity, etc.
PI-2371-120198
D
S
C
CONTROL
TOP414
VIN
VO
21W of output power.
Internally, the lead frame of the
SMD-8 package uses six of its pins to transfer heat from the chip
directly to the board, eliminating the cost of a heat sink.


Similar Part No. - TOP414

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP414GN POWERINT-TOP414GN Datasheet
122Kb / 16P
Three-terminal DC to DC PWM Switch
More results

Similar Description - TOP414

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP200-4 POWERINT-TOP200-4 Datasheet
160Kb / 16P
Three-terminal Off-line PWM Switch
TOP224YN POWERINT-TOP224YN Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP414GN POWERINT-TOP414GN Datasheet
122Kb / 16P
Three-terminal DC to DC PWM Switch
TOP221GN POWERINT-TOP221GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP412 POWERINT-TOP412_04 Datasheet
122Kb / 16P
Three-terminal DC to DC PWM Switch
TOP101YN POWERINT-TOP101YN Datasheet
1Mb / 18P
Three-terminal Off-line PWM Switch
TOP221GN-TL POWERINT-TOP221GN-TL Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
Three-terminal Off-line PWM Switch
July 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com