Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP414 Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # TOP414
Description  Three-terminal DC to DC PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP414 Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button TOP414 Datasheet HTML 8Page - Power Integrations, Inc. TOP414 Datasheet HTML 9Page - Power Integrations, Inc. TOP414 Datasheet HTML 10Page - Power Integrations, Inc. TOP414 Datasheet HTML 11Page - Power Integrations, Inc. TOP414 Datasheet HTML 12Page - Power Integrations, Inc. TOP414 Datasheet HTML 13Page - Power Integrations, Inc. TOP414 Datasheet HTML 14Page - Power Integrations, Inc. TOP414 Datasheet HTML 15Page - Power Integrations, Inc. TOP414 Datasheet HTML 16Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
TOP412/414
A
4/99
14
Typical Performance Characteristics (cont.)
5
3
4
0
0
46
8
2
10
OUTPUT CHARACTERISTICS
1
2
Drain Voltage (V)
TCASE = 25 °C
TCASE = 100 °C
Scaling Factors:
TOP414
1.00
TOP412
0.67
1000
10
0
240
160
80
320
DRAIN Voltage (V)
COSS vs. DRAIN VOLTAGE
100
Scaling Factors:
TOP414 1.00
TOP412 0.67
100
50
0
0
160
80
240
320
DRAIN Voltage (V)
DRAIN CAPACITANCE POWER
Scaling Factors:
TOP414 1.00
TOP412 0.67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com