Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP414 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # TOP414
Description  Three-terminal DC to DC PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP414 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  TOP414 Datasheet HTML 1Page - Power Integrations, Inc. TOP414 Datasheet HTML 2Page - Power Integrations, Inc. TOP414 Datasheet HTML 3Page - Power Integrations, Inc. TOP414 Datasheet HTML 4Page - Power Integrations, Inc. TOP414 Datasheet HTML 5Page - Power Integrations, Inc. TOP414 Datasheet HTML 6Page - Power Integrations, Inc. TOP414 Datasheet HTML 7Page - Power Integrations, Inc. TOP414 Datasheet HTML 8Page - Power Integrations, Inc. TOP414 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
A
4/99
TOP412/414
3
TOPSwitch Family Functional Description
TOPSwitch is a self biased and protected linear control current-
to-duty cycle converter with an open drain output.
High
efficiency is achieved through the use of CMOS and integration
of the maximum number of functions possible.
CMOS
significantly reduces bias currents as compared to bipolar or
discrete solutions. Integration eliminates external power resistors
used for current sensing and/or supplying initial start-up bias
current.
During normal operation, the internal output MOSFET duty
cycle linearly decreases with increasing CONTROL pin current
as shown in Figure 4. To implement all the required control,
bias, and protection functions, the DRAIN and CONTROL pins
each perform several functions as described below. Refer to
Figure 2 for a block diagram and Figure 6 for timing and voltage
waveforms of the TOPSwitch integrated circuit.
Control Voltage Supply
CONTROL pin voltage V
C is the supply or bias voltage for the
controller and driver circuitry. An external bypass capacitor
closely connected between the CONTROL and SOURCE pins
is required to supply the gate drive current. The total amount of
capacitance connected to this pin (C
T) also sets the auto-restart
timing as well as control loop compensation. V
C is regulated in
either of two modes of operation. Hysteretic regulation is used
for initial start-up and overload operation. Shunt regulation is
used to separate the duty cycle error signal from the control
circuit supply current. During start-up, V
C current is supplied
from a high-voltage switched current source connected internally
between the DRAIN and CONTROL pins. The current source
provides sufficient current to supply the control circuitry as
well as charge the total external capacitance (C
T).
PI-1691-112895
DMAX
DMIN
ICD1
IC (mA)
2.5
6.5
45
Slope = PWM Gain
-16%/mA
IB
Auto-restart
Figure 4. Relationship of Duty Cycle to CONTROL Pin Current.
Figure 5. Start-up Waveforms for (a) Normal Operation and (b)
Auto-restart.
DRAIN
0
VIN
VC
0
4.7 V
5.7 V
8 Cycles
95%
5%
Off
Switching
Switching
Off
IC
Charging CT
ICD1
Discharging CT
ICD2
Discharging CT
IC
Charging CT
Off
PI-1124A-060694
DRAIN
0
VIN
VC
0
4.7 V
5.7 V
Off
Switching
(b)
(a)
CT is the total external capacitance
connected to the CONTROL pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com