Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6601 Datasheet (PDF) - Princeton Technology Corp

PT6601 Datasheet PDF - Princeton Technology Corp
Part # PT6601
Download  PT6601 Download
File Size   79.72 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description LCD Driver IC

PT6601 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6601 Datasheet PDF - Princeton Technology Corp

Part # PT6601
Download  PT6601 Click to download

File Size   79.72 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description LCD Driver IC

PT6601 Datasheet (HTML) - Princeton Technology Corp


PT6601 Product details

PT6601 is a Segment Driver LCD Driver IC utilizing CMOS Technology used for Large Scale Dot Matrix Liquid Crystal Graphic Displays. 80 bits of display data sent from a controller are latched using a 4-bit parallel transfer technique and LCD drive signals are generated. It can be used with Common LCD Driver, PT6630 to drive Large Screen LCD Panels.



FEATURES

• CMOS Technology

• Supports Display Duties from 1/64 to 1/256

• Operating Supply Voltage:

               VDD (Logic Block): 5V + 10%

               VDD -VEE (LCD Block): 12 to 32 V

• Operating Temperature: -20 to +75°C

• Supports Power Reduction in Large Scale Panel via a Chip Disable Pin

• LCD Drive Circuit for 80 bits Display

• 4 -Bit Parallel Data Input

• Maximum of 6.0 MHz Data Transfer Clock and Bidirectional Shifting Supported

• Available in C.O.B. or 100-pin, QFP Package




Similar Part No. - PT6601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6601 TI-PT6601 Datasheet
242Kb / 5P
9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6601 TI1-PT6601 Datasheet
1Mb / 9P
Single Device 9A Output
logo
Bourns Electronic Solut...
PT66011 BOURNS-PT66011 Datasheet
142Kb / 1P
ISDN S-Interface Transformer Module
PT66011A BOURNS-PT66011A Datasheet
142Kb / 1P
ISDN S-Interface Transformer Module
PT66011AL BOURNS-PT66011AL Datasheet
142Kb / 1P
ISDN S-Interface Transformer Module
More results


Similar Description - PT6601

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6607 PTC-PT6607 Datasheet
67Kb / 5P
LCD Driver IC?
PT6608 PTC-PT6608 Datasheet
71Kb / 5P
LCD Driver IC?
PT6524 PTC-PT6524 Datasheet
466Kb / 7P
LCD Driver IC
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
LCD Driver IC
PT6520 PTC-PT6520 Datasheet
335Kb / 27P
LCD Driver IC
PT6584 PTC-PT6584 Datasheet
558Kb / 42P
LCD Driver IC
PT6520 PTC-PT6520_10 Datasheet
552Kb / 21P
LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
LCD Driver IC
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
LCD Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
LCD driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com