Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT102 Datasheet (PDF) - ON Semiconductor

CAT102 Datasheet PDF - ON Semiconductor
Part # CAT102
Download  CAT102 Download
File Size   147.13 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Precision, Adjustable Shunt Regulator (600 mV Reference)

CAT102 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT102 Datasheet PDF - ON Semiconductor

Part # CAT102
Download  CAT102 Click to download

File Size   147.13 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Precision, Adjustable Shunt Regulator (600 mV Reference)

CAT102 Datasheet (HTML) - ON Semiconductor


CAT102 Product details

DESCRIPTION
The CAT102 is a low-voltage reference and amplifier. Designed for the control loop of low-voltage power supplies, the reference voltage has been designed for 600 mV. Over a temperature from -40°C to 85°C, the reference voltage is within 8 mV of the nominal 600mV. In addition, the error amplifier output and the supply voltage pin (IN) are on separate pins.

FEATURES
■ 600 mV low voltage reference
■ ±6 mV initial accuracy
■ High PSRR: 45 dB at 300 kHz
■ Better line regulation: 1 mV (VIN from 2.2 V to 18 V)
■ Low supply current: 90 µA
■ Open drain output
■ Directly drives optocouplers
■ Industrial temperature range of -40ºC to 85ºC
■ RoHS-compliant 5-lead TSOT23 package

APPLICATION
■ SMPS control loop
■ Low temperature coefficient voltage reference
■ Power management
■ Replaces zener diodes
■ Isolated DC-to-DC converters
■ Network, telecom and cellular base station
■ Adjustable voltage reference




Similar Part No. - CAT102

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
81Kb / 9P
Precision, Adjustable Shunt Regulator (600mV Reference)
CAT102 CATALYST-CAT102 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
176Kb / 9P
Precision, Adjustable Shunt Regulator
CAT102 CATALYST-CAT102 Datasheet
160Kb / 8P
Precision, Adjustable Shunt Regulator (600mV Reference)
CAT1021 CATALYST-CAT1021 Datasheet
149Kb / 20P
Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
More results


Similar Description - CAT102

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
Precision Adjustable Shunt Reference
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
Precision Adjustable Shunt Reference
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
81Kb / 9P
Precision, Adjustable Shunt Regulator (600mV Reference)
logo
List of Unclassifed Man...
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
Precision Adjustable Shunt Reference
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
Precision Adjustable Shunt Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102_07 Datasheet
160Kb / 8P
Precision, Adjustable Shunt Regulator (600mV Reference)
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com