Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C-8B Datasheet (PDF) - Tyco Electronics

C-8B Datasheet PDF - Tyco Electronics
Part # C-8B
Download  C-8B Download
File Size   58.02 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description C-8B 2PDT N.C., 15 Amps,28 VDC, 60 or 400 Hz

C-8B Datasheet (PDF)

Go To PDF Page Download Datasheet
C-8B Datasheet PDF - Tyco Electronics

Part # C-8B
Download  C-8B Click to download

File Size   58.02 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description C-8B 2PDT N.C., 15 Amps,28 VDC, 60 or 400 Hz

C-8B Datasheet (HTML) - Tyco Electronics




Similar Part No. - C-8B

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
C-8 JST-C-8 Datasheet
85Kb / 1P
BUTT
logo
TE Connectivity Ltd
C-8-1393485-7 TEC-C-8-1393485-7 Datasheet
352Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
C-8-1419124-0 TEC-C-8-1419124-0 Datasheet
106Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
C-8-1419126-1 MACOM-C-8-1419126-1 Datasheet
640Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
TE Connectivity Ltd
C-8-1419144-0 TEC-C-8-1419144-0 Datasheet
400Kb / 2P
OMI-SS-D/L Customer Drawing
More results


Similar Description - C-8B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SD130A MACOM-SD130A Datasheet
50Kb / 1P
SPST, 400 Amps, 28 VDC
A-1019 MACOM-A-1019 Datasheet
51Kb / 1P
2PDT, Center Off, 300 Amps, 28 VDC
A-876M MACOM-A-876M Datasheet
39Kb / 1P
A-876M SPDT N.C., 300 Amps, 28 VDC
A-931F MACOM-A-931F Datasheet
64Kb / 1P
A-931F SPST N.C., 600 Amps, 28 VDC
B-138XAH MACOM-B-138XAH Datasheet
115Kb / 1P
B-138XAH 3PDT N.C., 60 Amps,200 VAC, 400 Hz
BH-316A MACOM-BH-316A Datasheet
63Kb / 1P
BH-316A 3PST N.O., 50 Amps,28 VDC or 115 VAC, 400 Hz
C-21Y MACOM-C-21Y Datasheet
48Kb / 1P
C-21Y SPST N.O., Double Break, 60 Amps,28 VDC or 115 VAC, 400 Hz
D-14D MACOM-D-14D Datasheet
52Kb / 1P
D-14D 2SPST 1 N.O. & 1 N.C., 50 Amps,28 VDC or 115 VAC, 400 Hz
DH-7PF MACOM-DH-7PF Datasheet
78Kb / 1P
DH-7PF 4PST 2 N.O. & 2 N.C., 50 Amps,28 VDC or 115 VAC, 400 Hz
E-311P MACOM-E-311P Datasheet
54Kb / 1P
E-311P 2PDT, 10 Amps, 28 VDC
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com