Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1213A Datasheet (PDF) - ON Semiconductor

CM1213A Datasheet PDF - ON Semiconductor
Part # CM1213A
Download  CM1213A Download
File Size   418.43 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays

CM1213A Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1213A Datasheet PDF - ON Semiconductor

Part # CM1213A
Download  CM1213A Click to download

File Size   418.43 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays

CM1213A Datasheet (HTML) - ON Semiconductor


CM1213A Product details

Product Description

The CM1213A family of diode arrays has been designed to provide  ESD protection for electronic

components  or  sub-systems  requiring  minimal capacitive  loading.These  devices  are  ideal  for protecting systems with high data and clock rates or for circuits requiring low capacitive loading.Each ESD channel consists of apair of diodes in series which steer the positive or negative ESD current pulse to either the positive(VP) or negative (VN) supply rail.



Features

• 1, 2 and 4 channels ofESD protection

• Provides ESD protectiontoIEC61000-4-2 Level 4

-8kV contact discharge

-15kV air discharge

• Low channel input capacitance of 0.85pF typical

• Minimal capacitance change with temperature and voltage

• Channel input capacitance matching of 0.02pF typical is ideal for differential signals

• Mutual capacitance between signal pin and adjacent signal pin-0.11pF typical

• Zener diode protects supply rail and eliminates the need for external by-pass capacitors

• Each I/O pin can with stand over 1000 ESD strikes

• Available in SOT and MSOP lead-free packages




Similar Part No. - CM1213A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A Datasheet
518Kb / 13P
1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
576Kb / 12P
1, 2 and 4-Channel Low Capacitance ESD Protection Array
October, 2016 ??Rev. 11
CM1213A ONSEMI-CM1213A Datasheet
424Kb / 6P
4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
logo
California Micro Device...
CM1213A-01SO CALMIRCO-CM1213A-01SO Datasheet
610Kb / 11P
1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
More results


Similar Description - CM1213A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
1-, 2- and 4-Channel Low Capacitance ESD Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A_16 Datasheet
576Kb / 12P
1, 2 and 4-Channel Low Capacitance ESD Protection Array
October, 2016 ??Rev. 11
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com