Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1293A Datasheet (PDF) - ON Semiconductor

CM1293A Datasheet PDF - ON Semiconductor
Part # CM1293A
Download  CM1293A Download
File Size   397.45 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-and 4-Channel Low Capacitance ESD Protection Arrays

CM1293A Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1293A Datasheet PDF - ON Semiconductor

Part # CM1293A
Download  CM1293A Click to download

File Size   397.45 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-and 4-Channel Low Capacitance ESD Protection Arrays

CM1293A Datasheet (HTML) - ON Semiconductor


CM1293A Product details

Product Description
The CM1293A family of diode arrays has been designed to provide ESD protection for electronic components or subsystems requiring minimal capacitive loading. These devices are ideal for protecting systems with high data and clock rates or for circuits requiring low capacitive loading. Each ESD channel consists of a pair of diodes in series that steer the positive or negative ESD current pulse to either the positive (VP) or negative (VN) supply rail.
   
Features
• Two and four channels of ESD protection
• Provides ESD protection to IEC61000-4-2
• ±8kV contact discharge
• Low loading capacitance of 2.0pF max.
• Low clamping voltage
• Channel I/O to I/O capacitance 1.5pF typical
• Zener diode protects supply rail and eliminates
    the need for external by-pass capacitors
• Each I/O pin can withstand over 1000 ESD
    strikes*
• Available in RoHS-compliant, lead-free SOT and
    MSOP packages
   
Applications
• DVI ports, HDMI ports in notebooks, set top
    boxes, digital TVs, LCD displays
• Serial ATA ports in desktop PCs and hard disk
    drives
• PCI Express ports
• General purpose high-speed data line ESD
    protection
   




Similar Part No. - CM1293A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1293A ONSEMI-CM1293A Datasheet
518Kb / 9P
Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1293A-02SO ONSEMI-CM1293A-02SO Datasheet
518Kb / 9P
Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1293A-02SR ONSEMI-CM1293A-02SR Datasheet
518Kb / 9P
Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1293A-04MR ONSEMI-CM1293A-04MR Datasheet
518Kb / 9P
Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1293A-04SO ONSEMI-CM1293A-04SO Datasheet
706Kb / 6P
4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
More results


Similar Description - CM1293A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
1-, 2- and 4-Channel Low Capacitance ESD Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com