Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1225 Datasheet (PDF) - ON Semiconductor

CM1225 Datasheet PDF - ON Semiconductor
Part # CM1225
Download  CM1225 Download
File Size   344.4 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Channel Low Capacitance ESD Protection Arrays

CM1225 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1225 Datasheet PDF - ON Semiconductor

Part # CM1225
Download  CM1225 Click to download

File Size   344.4 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Channel Low Capacitance ESD Protection Arrays

CM1225 Datasheet (HTML) - ON Semiconductor


CM1225 Product details

Product Description
The CM1225 diode array has been designed to provide ESD protection for electronic components or subsystems requiring minimal capacitive loading. This device is ideal for protecting systems with high data and clock rates or for circuits requiring low capacitive loading. Each ESD channel consists of a pair of diodes in series which steer the positive or negative ESD current pulse to the ground pins (VN). A Zener diode is embedded between the positive terminal of the diode pair to the ground. This eliminates the need for an external bypass capacitor to absorb positive ESD strikes to ground. The CM1225 protects against ESD pulses up to ±8kV per the IEC 61000-4-2 standard.

Features
• Four channels of ESD protection
• Provides ESD protection to IEC61000-4-2 Level 4
    • ±8kV contact discharge
• Low channel input capacitance of 0.8pF (typically)
• Channel input capacitance matching (I/O to I/O) of 0.02pF (typically) is ideal for differential signals
• Minimal capacitance change for temperature and voltage
• Zener diode eliminates the need for external bypass capacitors
• Each I/O pin can withstand over 1000 ESD strikes*
• Available in a RoHS compliant (lead-free) package

Applications
• HDMI ports, DVI ports in notebooks, set top boxes, digital TVs, and LCD displays
• Display and MDDI ports
• Serial ATA ports in desktop PCs and hard disk drives
• PCI Express ports
• USB2.0 ports at 480Mbps in desktop PCs, notebooks and peripherals
• IEEE1394 FireWire ports at 400Mbps / 800Mbps
• General purpose high-speed data line ESD protection
• Protection of interface ports or IC pins which are exposed to high ESD levels




Similar Part No. - CM1225

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1220 CALMIRCO-CM1220 Datasheet
199Kb / 6P
4 and 8-Channel ESD Protection Arrays in CSP
logo
ON Semiconductor
CM1220 ONSEMI-CM1220 Datasheet
347Kb / 10P
4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
logo
California Micro Device...
CM1220-04CP CALMIRCO-CM1220-04CP Datasheet
199Kb / 6P
4 and 8-Channel ESD Protection Arrays in CSP
logo
ON Semiconductor
CM1220-04CP ONSEMI-CM1220-04CP Datasheet
347Kb / 10P
4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
logo
California Micro Device...
CM1220-04CS CALMIRCO-CM1220-04CS Datasheet
199Kb / 6P
4 and 8-Channel ESD Protection Arrays in CSP
More results


Similar Description - CM1225

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1215 ONSEMI-CM1215 Datasheet
351Kb / 9P
4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com