Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1293 Datasheet (PDF) - ON Semiconductor

CM1293 Datasheet PDF - ON Semiconductor
Part # CM1293
Download  CM1293 Download
File Size   344.3 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Channel Low Capacitance ESD Protection Arrays

CM1293 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1293 Datasheet PDF - ON Semiconductor

Part # CM1293
Download  CM1293 Click to download

File Size   344.3 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Channel Low Capacitance ESD Protection Arrays

CM1293 Datasheet (HTML) - ON Semiconductor


CM1293 Product details

Product Description
The CM1293 family of diode arrays has been designed to provide ESD protection for electronic components or sub−systems requiring minimal capacitive loading. These devices are ideal for protecting systems with high data and clock rates or for circuits requiring low capacitive loading.

Features
• Eight Channels of ESD Protection
    Note: For 2 and 4 Channel Devices, See the CM1293A Datasheet
• Provides ESD Protection to IEC61000−4−2
    • ±8 kV Contact Discharge
• Low Loading Capacitance of 2.0 pF Max
• Low Clamping Voltage
• Channel I/O to I/O Capacitance 1.5 pF Typical
• Zener Diode Protects Supply Rail and Eliminates the Need for External By−Pass Capacitors
• Each I/O Pin Can Withstand over 1000 ESD Strikes*
• These Devices are Pb−Free and are RoHS Compliant

Applications
• DVI Ports, HDMI Ports in Notebooks, Set Top Boxes, Digital TVs, LCD Displays
• Serial ATA Ports in Desktop PCs and Hard Disk Drives
• PCI Express Ports
• General Purpose High−Speed Data Line ESD Protection




Similar Part No. - CM1293

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
Chicago Miniature Lamp,...
CM1293 CML-CM1293 Datasheet
218Kb / 1P
RP-11 Single Contact Bayonet Base
logo
Visual Communications C...
CM1293 VCC-CM1293 Datasheet
32Kb / 1P
Contact Bayonet Base
logo
California Micro Device...
CM1293-02SO CALMIRCO-CM1293-02SO Datasheet
394Kb / 10P
2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
CM1293-02SR CALMIRCO-CM1293-02SR Datasheet
394Kb / 10P
2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
More results


Similar Description - CM1293

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1216 CALMIRCO-CM1216 Datasheet
392Kb / 9P
6- and 8-Channel Low Capacitance ESD Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1216 ONSEMI-CM1216 Datasheet
213Kb / 13P
6 and 8-Channel Low Capacitance ESD Arrays
April 2010 ??Rev. 2
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
CM1216 ONSEMI-CM1216_11 Datasheet
149Kb / 7P
6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com