Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1213 Datasheet (PDF) - ON Semiconductor

CM1213 Datasheet PDF - ON Semiconductor
Part # CM1213
Download  CM1213 Download
File Size   1034.99 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6 and 8-Channel Low Capacitance ESD Protection Arrays

CM1213 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1213 Datasheet PDF - ON Semiconductor

Part # CM1213
Download  CM1213 Click to download

File Size   1034.99 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6 and 8-Channel Low Capacitance ESD Protection Arrays

CM1213 Datasheet (HTML) - ON Semiconductor


CM1213 Product details

Product Description

The CM1213 family of diode arrays has been designed to provide ESD protection for electronic components or sub-systems requiring minimal capacitive loading. These devices are ideal for protecting systems with high data and clock rates or for circuits requiring low capacitive loading. Each ESD channel consists of a pair of diodes in series which steer the positive or negative ESD current pulse to either the positive (VP) or negative (VN) supply rail. A Zener diode is embedded between VP and VN, offering two advantages. First, it protects the VCCrail against ESD strikes, and second,it eliminates the need for a bypass capacitor that would otherwise be needed for absorbing positive ESD strikes to ground. The CM1213 will protect against ESD pulses up to ±8kV per the IEC 61000-4-2 standard and using the MIL-STD-883D (Method 3015) specification for Human Body Model (HBM) ESD, all pins are protected from contact discharges of greater than ±15kV.



Features

• 1, 2, 4, 6 and 8 channels of ESD protection

• Provides ESD protection to IEC61000-4-2 Level 4

- 8kV contact discharge

- 15kV air discharge

• Low channel input capacitance of 1.0pF typical

• Minimal capacitance change with temperature and voltage

• Channel input capacitance matching of 0.02pF typical is ideal for differential signals

• Mutual capacitance between signal pin and adjacent signal pin - 0.11pF typical

• Zener diode protects supply rail and eliminates the need for external by-pass capacitors

• Each I/O pin can withstand over 1000 ESD strikes

• Available in SOT, SOIC and MSOP packages

• Lead-free version available




Similar Part No. - CM1213

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213 ONSEMI-CM1213 Datasheet
384Kb / 9P
6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
logo
California Micro Device...
CM1213-01SO CALMIRCO-CM1213-01SO Datasheet
448Kb / 14P
1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1213-01ST CALMIRCO-CM1213-01ST Datasheet
448Kb / 14P
1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1213-02SO CALMIRCO-CM1213-02SO Datasheet
448Kb / 14P
1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
More results


Similar Description - CM1213

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1216 CALMIRCO-CM1216 Datasheet
392Kb / 9P
6- and 8-Channel Low Capacitance ESD Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1216 ONSEMI-CM1216 Datasheet
213Kb / 13P
6 and 8-Channel Low Capacitance ESD Arrays
April 2010 ??Rev. 2
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
CM1216 ONSEMI-CM1216_11 Datasheet
149Kb / 7P
6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com