Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1216 Datasheet (PDF) - ON Semiconductor

CM1216 Datasheet PDF - ON Semiconductor
Part # CM1216
Download  CM1216 Download
File Size   213.76 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6 and 8-Channel Low Capacitance ESD Arrays

CM1216 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1216 Datasheet PDF - ON Semiconductor

Part # CM1216
Download  CM1216 Click to download

File Size   213.76 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6 and 8-Channel Low Capacitance ESD Arrays

CM1216 Datasheet (HTML) - ON Semiconductor


CM1216 Product details

Product Description
The CM1216 family of diode arrays provide sESD protection for electronic components or sub−systems requiring minimal capacitive loading. These devices are ideal for protecting systems with high data and clock rates or for circuits requiring low capacitive loading. Each ESD channel consists of a pair of diodes in series which steer the positive or negative ESD current pulse to either the positive (VP) or negative (VN) supply rail. The CM1216 protects against ESD pulses up to ±15 kV per the IEC 61000−4−2 standard.

Features
• Six and Eight Channels of ESD Protection
• Provides ±15 kV ESD Protection on Each Channel per the IEC 61000−4−2 ESD Requirements
• Channel Loading Capacitance of 1.6 pF Typical
• Channel I/O to GND Capacitance Difference of 0.04 pF Typical
• Mutual Capacitance of 0.13 pF Typical
• Minimal Capacitance Change with Temperature and Voltage
• Each I/O Pin Can Withstand Over 1000 ESD Strikes
• SOIC and MSOP Packages
• These Devices are Pb−Free and are RoHS Compliant

Applications
• IEEE1394 Firewire® Ports at 400 Mbps / 800 Mbps
• DVI Ports, HDMI Ports in Notebooks, Set Top Boxes, Digital TVs, LCD Displays
• Serial ATA Ports in Desktop PCs and Hard Disk Drives
• PCI Express Ports
• General Purpose High−Speed Data Line ESD Protection




Similar Part No. - CM1216

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1216 CALMIRCO-CM1216 Datasheet
392Kb / 9P
6- and 8-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1216 ONSEMI-CM1216 Datasheet
149Kb / 7P
6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
logo
California Micro Device...
CM1216-06MR CALMIRCO-CM1216-06MR Datasheet
392Kb / 9P
6- and 8-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1216-06MR ONSEMI-CM1216-06MR Datasheet
149Kb / 7P
6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
logo
California Micro Device...
CM1216-06MS CALMIRCO-CM1216-06MS Datasheet
392Kb / 9P
6- and 8-Channel Low Capacitance ESD Arrays
More results


Similar Description - CM1216

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
1-, 2- and 4-Channel Low Capacitance ESD Arrays
CM1216 CALMIRCO-CM1216 Datasheet
392Kb / 9P
6- and 8-Channel Low Capacitance ESD Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1215 ONSEMI-CM1215 Datasheet
351Kb / 9P
4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
CM1216 ONSEMI-CM1216_11 Datasheet
149Kb / 7P
6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com