Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1223 Datasheet (PDF) - ON Semiconductor

CM1223 Datasheet PDF - ON Semiconductor
Part # CM1223
Download  CM1223 Download
File Size   599.08 Kbytes
Page   19 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection

CM1223 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1223 Datasheet PDF - ON Semiconductor

Part # CM1223
Download  CM1223 Click to download

File Size   599.08 Kbytes
Page   19 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection

CM1223 Datasheet (HTML) - ON Semiconductor


CM1223 Product details

Product Description
The CM1223 family of diode arrays has been designed to provide ESD protection for electronic components or subsystems requiring minimal capacitive loading. These devices are ideal for protecting systems with high data and clock rates or for circuits requiring low capacitive loading.

Features
• Two, Four, and Eight Channels of ESD Protection with Integrated Backdrive Protection on all Lines
• Provides ESD Protection to IEC61000−4−2 Level 4: ±8 kV Contact Discharge & ±15 kV Air Discharge
• Low Channel Input Capacitance of 1.0 pF (typical)
• Minimal Capacitance Change with Temperature and Voltage
• Channel I/O to GND Capacitance Difference of 0.02 pF Typical is Ideal for Differential Signals
• Mutual Capacitance between Signal Pin and Adjacent Signal Pin at 0.11 pF (typical)
• Zener Diode Protects Supply Rail and Eliminates the Need for External Bypass Capacitors
• Pin Compatible with CM1213−02, −04, and −08
• Each I/O Pin Can Withstand over 1000 ESD Strikes
• Available in SOT, and MSOP Packages
• These Devices are Pb−Free and are RoHS Compliant

Applications
• USB 2.0 Ports at 480 Mbps in Desktop PCs, Notebooks and Peripherals
• IEEE1394 Firewire® Ports at 400 Mbps / 800 Mbps
• DVI Ports, HDMI Ports in Notebooks, Set Top Boxes, Digital TVs, LCD Displays




Similar Part No. - CM1223

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1223 CALMIRCO-CM1223 Datasheet
626Kb / 13P
Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
logo
List of Unclassifed Man...
CM1223 ETC2-CM1223 Datasheet
346Kb / 1P
12 X 2 LCD CHARACTER MODULE
logo
Visual Communications C...
CM1223 VCC-CM1223 Datasheet
30Kb / 1P
Base
logo
ON Semiconductor
CM1223 ONSEMI-CM1223 Datasheet
335Kb / 13P
Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
logo
California Micro Device...
CM1223-02SO CALMIRCO-CM1223-02SO Datasheet
626Kb / 13P
Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
More results


Similar Description - CM1223

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJESD5V0QL4G PANJIT-PJESD5V0QL4G Datasheet
51Kb / 3P
LOW CAPACITANCE TVS/ZENER ARRAYS FOR ESD PROTECTION
logo
California Micro Device...
CM1223 CALMIRCO-CM1223 Datasheet
626Kb / 13P
Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
logo
STMicroelectronics
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
Low capacitance Transil??arrays for ESD protection
23-Apr-2008
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
Pan Jit International I...
PJESD5V6LC-2W PANJIT-PJESD5V6LC-2W Datasheet
167Kb / 3P
Low capacitance TVS arrays for ESD protection
PJESD5V6LC-4 PANJIT-PJESD5V6LC-4 Datasheet
262Kb / 4P
Low capacitance TVS arrays for ESD protection
logo
STMicroelectronics
ESDALC6V1-5T6 STMICROELECTRONICS-ESDALC6V1-5T6 Datasheet
161Kb / 11P
Low capacitance Transil arrays for ESD protection
logo
ON Semiconductor
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com