Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44CC373CAS Datasheet (PDF) - Freescale Semiconductor, Inc

MC44CC373CAS Datasheet PDF - Freescale Semiconductor, Inc
Part # MC44CC373CAS
Download  MC44CC373CAS Download
File Size   436.99 Kbytes
Page   28 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description CMOS Audio/Video RF Modulators

MC44CC373CAS Datasheet (PDF)

Go To PDF Page Download Datasheet
MC44CC373CAS Datasheet PDF - Freescale Semiconductor, Inc

Part # MC44CC373CAS
Download  MC44CC373CAS Click to download

File Size   436.99 Kbytes
Page   28 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description CMOS Audio/Video RF Modulators

MC44CC373CAS Datasheet (HTML) - Freescale Semiconductor, Inc


MC44CC373CAS Product details

The MC44CC373 / MC44CC374 CMOS family of RF modulators is the latest generation of the legacy MC44BS373/4 family of devices.
The MC44CC373/MC44CC374 RF modulators are designed for use in VCRs, set-top boxes, and similar devices.They support multiple standards, and can be programmed to support PAL, SECAM, or NTSC formats.

Features
• Multi-TV standard support: NTSC, PAL, SECAM (B/G, I, D/K, L, M/N).
• UHF operation (460MHz to 880MHz)
• Programmable UHF oscillator and sound subcarrier oscillator.
• On-chip tank circuits. No external varicaps inductors or tuned components required.
• Program control via 800 kHz high-speed I2C-bus.
• Programmable Sound reference frequency (31.25 kHz or 62.5 kHz)
• Direct sound modulator input (FM and AM).
• Auxiliary input bypasses AM/FM modulators for NICAM or BTSC applications.
• Video modulation depth (96% typ. in system L and 85% typ. in the other standards)
• Programmable Peak White Clip levels
• On-chip video test pattern generator with sound test signal (1 kHz)
• Low-power standby mode
• Output inhibit during PLL Lock-up at power-ON
• Logical output port controlled by I2C-bus




Similar Part No. - MC44CC373CAS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44CC375AVEF FREESCALE-MC44CC375AVEF Datasheet
313Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
More results


Similar Description - MC44CC373CAS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7053 SANYO-LA7053 Datasheet
66Kb / 3P
Video, Audio Signal Processor for UHF Band RF Modulators
logo
Analog Devices
AD7724 AD-AD7724 Datasheet
552Kb / 14P
Dual CMOS Modulators
REV.A
logo
Maxim Integrated Produc...
MAX310 MAXIM-MAX310 Datasheet
252Kb / 7P
CMOS RF/Video Multiplexers
logo
List of Unclassifed Man...
AWM620RX-INV ETC1-AWM620RX-INV Datasheet
341Kb / 4P
2.4GHz Video/Audio RF Module
AWM680RX ETC2-AWM680RX Datasheet
76Kb / 6P
5.8GHz Video/Audio RF Module
AWM630TX ETC2-AWM630TX Datasheet
257Kb / 10P
2.4GHz Video/Audio RF Module
AWM680TX ETC2-AWM680TX Datasheet
210Kb / 6P
5.8GHz Video/Audio RF Module
logo
Analog Devices
AD7724AST-REEL AD-AD7724AST-REEL Datasheet
272Kb / 16P
Dual CMOS - Modulators
REV. B
AD7724 AD-AD7724_15 Datasheet
293Kb / 16P
Dual CMOS Modulators
REV. B
AD7724 AD-AD7724_17 Datasheet
320Kb / 17P
Dual CMOS Modulators
23-Feb-2017
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com