Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44CC373CAS Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC44CC373CAS
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44CC373CAS Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC44CC373CAS Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Digital Home
6
Freescale Semiconductor
MC44CC373
ELECTRICAL SPECIFICATIONS
NOTE: Crystal specification reference information
Frequency = 4 MHz
Mode = Parallel Resonance
Load Capacitance = 27 pF
Motional Resistance = 10 Ohms Typical (100 Ohms Maximum Starting)
Table 3. Absolute Maximum Ratings
Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to
these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-
maximum-rated conditions is not implied.
Characteristic
Symbol
Min
Max
Units
Supply Voltage
VCC
–0.3
+3.6
V
I2C Input Voltage (SCL and SDA pins)
VINI2C
–0.3
+5.5
Any Other Input Voltage
VIN
–0.3
VCC + 0.3
V
Storage Temperature Range
Tstg
–65
+150
°C
Junction Temperature
TJ
—
+105
°C
Table 4. General Specifications
Characteristic
Symbol
Min
Typ
Max
Units
ESD Protection (Charge Device Model)
CDM
500
—
—
V
ESD Protection (Human Body Model)(1)
HBM
2000
—
—
V
Latch-Up Immunity
LU
200
—
—
mA
Thermal Resistance from Junction to Ambient
RΘJA
—
102
—
°C/W
1. JEDEC JESD22-A114D.
Table 5. Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Units
Supply Voltage
VCC
+3.0
+3.3
+3.6
V
Total supply current (all sections active)
ICC
65
85
98
mA
Total standby mode supply current
ICC
15
22
30
mA
Test pattern sync pulse width
—
3
4.7
6.5
μS
Sound comparator charge pump current
While locking
When locked
—
—
1
—
3.9
1
7
1.5
μA
μA
RF comparator charge pump current
—
1.2
1.6
2
mA
Logic Output Port
Saturation voltage at IOL=2 mA
Leakage current
VOL
IOH
—
—
160
—
300
1
mV
μA
Ambient Temperature
TA
0
—
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com