Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44CC373CAS Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MC44CC373CAS
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44CC373CAS Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MC44CC373CAS Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Digital Home
16
Freescale Semiconductor
MC44CC373
The Test Mode bits, X5:X0, found in the frequency and
control registers, control 15 different test mode states. Only
four of these states have an application use. All other states
are intended for manufacturing test purposes only.
The test mode states defined by X2:X0 in Table 18 may be
used to operate the modulator in the in VHF range.
It should be noted that operation in the VHF range has
a high spurious content due to the digital dividers.
Filtering of the RFOUT signal may be required to meet
desired performance specifications. Performance
data is not provided for VHF operation.
OPTION CONTROL REGISTER 1 FORMAT
The format for the Optional Control Register 1, OCR1, is
shown in Figure 8. Bits R14:R0 are not defined for system
applications. They are for manufacturing test only. For nor-
mal operation these bits must be set to a logic 0. When
UHF oscillator is disabled, do not write to Option Control Reg-
ister 1 and 2. Any other time, writing to Option Control Regis-
ters 1 and 2 is allowed.
Table 18. Test Modes usable for VHF operation
X5
X4
X3
X2
X1
X0
Description
0
0
0
0
0
0
Normal Operation
0
0
0
0
0
1
RF/2
0
0
0
0
1
0
RF4
0
0
0
0
1
1
RF/8
0
0
0
1
0
0
RF/16
x
x
x
1
x
x
The 11 other test mode states are reserved for manufacturing test purposes.
MSB
LSB
R15
R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Reset
State
1
Reserved for manufacturing test purposes only
Reserved for manufacturing test purposes only
Adr
Figure 8. Option Control Register 1 Format
Table 19. Option Control Register 1, Bit Description
Bit
Name
Description
15
Adr
Address Function bit. Must be set to a logic 1.
14-8
—
Reserved for manufacturing test.
7-0
—
Reserved for manufacturing test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com