Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44CC373CAS Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MC44CC373CAS
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44CC373CAS Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC44CC373CAS Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Digital Home
Freescale Semiconductor
13
MC44CC373
INTER-IC (I2C) INTERFACE TIMING
Figure 5. I2C Timing Diagram
Table 12. I2C Interface Bus Specifications
Parameter
Symbol
Min.
Max.
Units
Low Level Output Voltage
VOL
0
0.4
V
High Level Input Voltage
VIH
0.7VCC
VCCmax+0.5
V
Low Level Input Voltage
VIL
−0.5
0.3 VCC
V
Absolute Max Input Voltage
—
—
5.5
V
Hysteresis of Schmitt trigger inputs
Vhys
0.05VCC
—
V
Capacitance for each I/O pin(1)
1. Cb = total capacitance of one bus line in pF.
CIN
—
10
pF
Pulse width of spikes filtered out
tSP
0
50
nS
SCL Frequency
fSCLK
0
800
kHz
Hold time Start condition
tHD;STA
500
—
nS
Set-up time for repeated start
tSU;STA
500
—
nS
Data Set-up time
tSU;DAT
100
—
nS
Data Hold time
tHD;DAT
0
—
nS
Set-up time for Stop condition
tSU;STO
500
—
nS
Low period of the SCL clock
tLOW
0.6
—
uS
High period of the SCL clock
tHIGH
0.6
—
uS
Rise time of both SDA and SCL
tr
20+ 0.1Cb
300
nS
Fall time of both SDA and SCL
tf
20+ 0.1Cb
300
nS
Bus free time between Stop and Start
tBUF
200
—
nS
SDA
Sample
SCL
tHD;STA
tf
tr
tLOW
tHIGH
AD7 AD1
R15 R8
0
R7
R0
R15 R8
R7
tBUF
Byte 2
IC Address R/W
Byte 1
Additional Control Bytes
S
P
S
tSU;DAT
tHD;DAT
tSU;STO
Stop
Condition
Start
Condition
MSB
LSB
Master Writes to Slave
Input
SDA
SCL
tSP
AD7 AD1
D7
D6
1
D4
D3
D1
D0
Master
Not Ack
Status Byte
IC Address R/W
S
P
Stop
Condition
Start
Condition
MSB
LSB
Master Reads from Slave
Slave
Ack
Slave
Ack
Slave
Ack
Slave
Ack
Slave
Ack
D5
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com