Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44CC373CAS Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC44CC373CAS
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44CC373CAS Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC44CC373CAS Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 24Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Digital Home
Freescale Semiconductor
21
MC44CC373
Video Differential Gain
Video: 5 step Grey Scale- 1 V(PP).
No Audio signal
This is measured using a Demodulator in B/G
(using a CCIR Rec. 567 weighting network,
100 kHz to 5 MHz band with sound trap and
envelope detection, and a Video Analyzer.
On line CCIR 330 shown below, the video analyzer DG measure consists of
calculating the difference of the Chroma amplitude at the black level and the
different amplitudes at each step of the greyscale. The largest positive or
negative difference indicates the distortion.
The video analyzer method takes the worst step from the first 4 steps.
Video Modulation Depth
No Audio signal
Video: 10 step grey scale
This is measured using a Spectrum Analyzer with a TV Trigger option, allowing
demodulation and triggering on any specified TV Line. The analyzer is centred
on the maximum peak of the Video signal and reduced to zero Hertz span in
Linear mode to demodulate the Video carrier.
The Modulation Depth is calculated as (A
− B) / A x 100 in %
Same measurement method for L standard, with inverted video.
Picture to Sound ratio
No Video signal
No Audio Signal
PS bit set to 0 and 1
Measure in dBc sound carrier in reference to picture carrier (RFout_Ref) for PS
bit = 0 (PS = 12 dB typical) and for PS bit = 1 (PS = 16dB).
Table 22. Performance Measurement Test Set-ups (continued)
Device and Signals Set-up
Measurement Set-up
0 123
4 5
5-step greyscale with Chroma, line CCIR330
DIFF GAIN =
* 100%
the amplitude at position 0
the largest positive or negative difference
TV Line Demodulated by Spectrum Analyzer-BG standard
A (mV)
B (mV)
Picture carrier
Sound carrier
+5.5Mhz
Fo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com