Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44CC373CAS Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MC44CC373CAS
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44CC373CAS Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MC44CC373CAS Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Digital Home
14
Freescale Semiconductor
MC44CC373
CONTROL AND DATA REGISTER - DEFINITIONS
The legacy MC44BS373/4 modulators had two 16-bit con-
trol registers (Control and Frequency) and one data/status
register. The new MC44CC373/374 family has the same reg-
ister configuration and may be programmed with the same
program software as the legacy devices. This backward com-
patibility allows a faster migration to new product redesigns.
There are some additional control features that may be used
in new designs. However, it is not necessary to program
these bits when upgrading a legacy system with the new
modulator family.
CONTROL REGISTER FORMAT
The control register format is shown in Figure 6 and the
descriptions for the High-order and Low-order bits (bytes) are
listed in Table 13 and Table 14 respectively.
Figure 6. Control Register Format
MSB
LSB
R15
R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
1
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
Reset
State
1
AUX
SO
LOP
PS
X3
X2
SYSL
PWC
OSC
ATT
SFD1 SFD0 SREF
X5
X4
Adr
TEST MODE
TEST MODE
Table 13. Control Register (High-order) Bit Description
Bit Name
Description
15
Adr
Address Function bit. Must be set to a logic 1.
14
AUX
Gates the AUXIN pin
0
Disable AUXIN pin.
1
Enable AUXIN pin.
13
SO
Sound Oscillator On/Off
0
Sound oscillator is on (normal mode).
1
Sound oscillator is disabled (osc and PLL
section bias is turned off).
12
LOP
Logic Output Port
0
LOP pin is low voltage.
1
LOP pin is high impedance.
11
PS
Picture-to-sound carrier ratio
0
Picture-to-sound carrier ratio is 12 dB.
1
Picture-to-sound carrier ratio is 16 dB.
10
X3
Test Mode bits, must be set to logic 0 for normal
operation.
9
X2
Test Mode bit. May be used for VHF divider
8
SYSL
System L Enable - Selects AM sound and positive
video modulation. (Applies to MC44CC373xxx
devices only. For the MC44CC374xxx devices this
bit is set to 0 and may not be modified).
0
System B/G enabled (FM sound and
negative video modulation).
1
System L enabled (AM sound and positive
video modulation).
Table 14. Control Register (Low-order) Bit Description
Bit Name
Description
7
PWC
Peak White Clip enable/disable
0
Peak White Clip on (system B/G).
1
Peak White Clip off (system L).
6
OSC
UHF oscillator On/Off
MC44CC373/
374CAxxx
MC44CC374T1Axx
0
Normal
operation.
UHF oscillator disabled.
1
UHF oscillator
disabled.
Normal operation.
5
ATT
Modulator output attenuated.
0
Normal operation.
1
Modulator output attenuation (sound and
video modulator sections bias is turned off).
4
SFD1
Sound subcarrier frequency control bits.
SFD1 SFD0
Frequency
0
0
4.5 MHz
3
SFD0
0
1
5.5 MHz
1
0
6.0 MHz
1
1
6.5 MHz
2
SREF
Sound PLL reference frequency
0
Sound reference frequency = 31.25 kHz
1
Sound reference frequency = 62.5 kHz
1
X5
Test Mode bits, must be set to logic 0 for normal
operation.
0
X4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com