Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44CC373CAS Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MC44CC373CAS
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44CC373CAS Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MC44CC373CAS Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Digital Home
Freescale Semiconductor
17
MC44CC373
OPTION CONTROL REGISTER 2 FORMAT
The format for the Optional Control Register 2, OCR2, is
shown in Figure 9. Bits R14:R2 are not defined for system
applications. They are for manufacturing test only. For nor-
mal operation these bits must be set as defined by the re-
set state.
The Peak White Clip level may be set by setting bit PW1
and PW0 as listed in Table 20. The default (power-up) setting
is 1.0 volts.
When UHF oscillator is disabled, do not write to Option
Control Registers 1 and 2. Any other time, writing to Option
Control Registers 1 and 2 is allowed.
DATA/STATUS REGISTER FORMAT
The data/status read back format is shown in Figure 10.
The first byte contains the status information on the RF oscil-
lator out-of-frequency range and is the same format used by
the legacy devices. Therefore, current legacy software will be
unaffected as it will only read back this most significant byte.
During manufacturing test, additional two byte registers
are read back without sending a stop condition. This read
back data has no significance to end system applications.
Therefore if it is read by a master, it should be ignored.
The bit description for the status byte is listed in Table 21.
Figure 10. Status/Data Register Format
MSB
LSB
R15
R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
1
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
Reset
State
1
Reserved for manufacturing test purposes only
PW1
PW0
Adr
Peak White
clip level
Figure 9. Option Control Register 2 Format
MSB
LSB
R7
R6
R5
R4
R3
R2
R1
R0
-
-
-
-
-
Y2
Y1
OOR
Reserved
OSC Status
Table 20. Option Control Register 2, Bit Description
Bit Name
Description
15
Adr
Address Function bit. Must be set to a logic 1.
14-2
—
Reserved for manufacturing test.
1
PW1
Peak White Clip level
PW1
PW0
Video Modulation Depth
for video = 1.4 VCVBS
0
0
90%
0
PW0
0
1
94%
1
0
91%
1
1
92.5%
Table 21. Status Byte Bit Description
Bit
Name
Description
R7:R3
-
Reserved
R2
Y1
Frequency Too High / Too Low
0
VCO out of range, frequency too
low, only valid if OOR=1
1
VCO out of range, frequency too
high, only valid if OOR=1
R1
Y2
Low/High VCO Active
0
High VCO is active
1
Low VCO is active
R0
OOR
UHF Osc Out of Freq. Range
0
Normal operation, VCO in range
1
VCO out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com