Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44CC373CAS Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MC44CC373CAS
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44CC373CAS Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MC44CC373CAS Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Digital Home
18
Freescale Semiconductor
MC44CC373
CHARACTERIZATION MEASUREMENT CONDITIONS
The default configuration unless otherwise specified:
•
Peak White Clip enabled
•
UHF oscillator ON
•
Sound and video modulators ON
•
Sound subcarrier frequency = 5.5 MHz
•
Sound Oscillator ON
•
Sound PLL reference frequency = 31.25 kHz
•
Logic Output Port LOW
•
Picture-to-sound carrier ratio = 12 dB
•
System L disabled
•
Test pattern disabled
•
All test mode bits are ‘0’
•
Frequency from channel 21 to 69
•
RF Inputs / Output into 75
Ω Load using a 75 to 50 Ω
transformation.
•
Video Input 1Vpp.
•
Audio pre-emphasis circuit enabled.
Table 22. Performance Measurement Test Set-ups
Device and Signals Set-up
Measurement Set-up
RFOUT Output Level
Video: 10 steps grey scale
No audio
Measured picture carrier in dB
μV with a Spectrum Analyzer using a 75 to 50 Ω
transformation, all cables losses and transformation pads having been
calibrated.
Measurement used as a reference for other tests: RFout_Ref
RFOUT Output Attenuation
ATT bit = 1
No Video signal
No Audio signal
Measure in dBc picture carrier at ATT=1 with reference to picture carrier at
ATT=0
Sound Subcarrier Harmonics
Video: 10 steps grey scale
No Audio signal
Measure in dBc second and third sound harmonics levels in reference to
picture carrier (RFout_Ref).
Second Harmonics of Chroma Subcarrier
No audio
Video: a 700m V(PP) 4.43 MHz sinusoidal
signal is inserted on the black level of active
video area.
Measure in dBc, in reference to picture carrier (RFout_Ref), second harmonic
of chroma at channel frequency plus 2 times chroma frequency, resulting in the
following spectrum.
Picture carrier
Sound carrier
Sound
+5.5MHz
Fo
+11MHz +16.5MHz
2nd harm
Sound
3rd harm
Frequency
4.43 MHz
700 mVpp
Picture carrier
Sound
Chroma 2nd
+8.86MHz
Fo
+4.43MHz +5.5MHz
Harmonic
carrier
Chroma
carrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com