Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44CC373CAS Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC44CC373CAS
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44CC373CAS Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC44CC373CAS Datasheet HTML 1Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Digital Home
2
Freescale Semiconductor
MC44CC373
PIN DESCRIPTIONS
Figure 1. Pin Connections
Table 1. SO16 Package Pin Descriptions
Pin
Number
Pin Name
Description
Comments
1
SDA
I2C data
Bidirectional serial data I/O port for setting configuration. Compatible with
0-5 V and 0-3.3 V I2C-bus.
2
GND
Ground
3
LOP
Logical output port
controlled by I2C bus
Open collector output. Controlled by a single bit in the control register.
4
XTAL
Crystal
4 MHz crystal.
5
PREEMP
Pre-emphasis capacitor
6
AUDIOIN
Audio input
> 20 k
Ω input impedance.
7
SPLFLT
Sound PLL loop filter
8
VIDEOIN
Video input
1 Volt peak-to-peak baseband video input
9
VCC
Supply voltage
3.3 volt power input.
10
GND
Ground
11
RFOUT
TV output signal
A 75
Ω composite video output signal
12
VCC
Supply voltage
3.3 Volt power input.
13
NC
No Connection
Do not make any connection to this pin.
14
PLLFLT
RF PLL loop filter
15
AUXIN
Auxiliary Input
Subcarrier input for stereo and NICAM applications
16
SCL
I2C clock
Serial control port data clock. Compatible with 0-5 V and 0-3.3 V I2C bus.
SCL
AUXIN
XTAL
RFOUT
No Connect
SPLFLT
PREEM
PLLFLT
GND
SDA
LOP
AUDIOIN
VCC
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VIDEOIN
VCC
16-Pin SOIC Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com