Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44CC373CAS Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MC44CC373CAS
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44CC373CAS Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MC44CC373CAS Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 24Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 25Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Digital Home
22
Freescale Semiconductor
MC44CC373
Audio Modulation Index - FM Modulation
Video: Black Sync
Audio signal: 1 kHz, 205 mVrms.
This is measured using a Demodulator in B/G
and an Audio Analyzer at 1 kHz
The audio signal 205 mV at 1 kHz is supplied by the Audio Analyzer, and the
FM demodulated signal deviation is indicated on the Demodulator in kHz peak.
This value is then converted in % of FM deviation, based on specified
standards.
Audio Frequency Response
Video: Black Sync
Audio signal: 50 Hz to 15 kHz, 100 mVrms
This is measured using a Demodulator in B/G
and an Audio Analyzer.
The audio signal 1 kHz 100 mVrms is supplied by the Audio Analyzer,
demodulated by the Demodulator and the audio analyzer measures the AC
amplitude of this demodulated audio signal: this value is taken as a reference
(0 dB).
The audio signal is then swept from 50 Hz to 15 kHz, and demodulated AC
amplitude is measured in dB relative to the 1 kHz reference.
Audio pre-emphasis and de-emphasis circuits are engaged, all audio analyzer
filters are switched OFF.
Audio Distortion FM
Audio: 1 kHz, adjustable level
Video: Black Sync
This is measured using a UHF Demodulator in
B/G and an Audio Analyzer at 1 kHz. The
output level of the audio analyzer is varied to
obtain a deviation of 50 kHz indicated on the
Demodulator.
The input arms detector of the Audio Analyzer converts the ac level of the
combined signal + noise + distortion to dc. It then removes the fundamental
signal (1 kHz) after having measured the frequency. The output rms detector
converts the residual noise + distortion to dc. The dc voltmeter measures both
dc signals and calculates the ratio in% of the two signals.
Audio Signal to Noise
Audio: 1 kHz, adjustable level
Video: EBU Color Bars
This is measured using a Demodulator in B/G
and an Audio Analyzer at 1 kHz. The output
level of the Audio analyzer is varied to obtain
a Modulation Deviation of 25 kHz indicated on
the Demodulator.
The Audio Analyzer alternately turns ON and OFF its internal audio source to
make a measure of the Audio signal plus noise and then another measure of
only the noise.
The measurement is made using the internal CCIR468-2 Filter of the Audio
Analyzer together with the internal 30 +/
−2 kHz (60 dB/decade) Lowpass
filters.
The demodulator uses a quasi-parallel demodulation as is the case in a normal
TV set. In this mode the Nyquist filter is bypassed and the video carrier is used
without added delay to effectuate intercarrier conversion. In this mode the
phase noise information fully cancels out and the true S/N can be measured.
Table 22. Performance Measurement Test Set-ups (continued)
Device and Signals Set-up
Measurement Set-up
ADist
Distortion Noise
+
() Distortion Noise Signal
++
()
⁄
=
ASN dB
()
20
Signal Noise
+
()
log
×
Noise
()
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com