Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44CC373CAS Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MC44CC373CAS
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44CC373CAS Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MC44CC373CAS Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Digital Home
Freescale Semiconductor
19
MC44CC373
Chroma/Sound Intermodulation
No audio signal
Video: 700 mV(PP) 4.43 MHz sinusoidal signal
inserted on the black level of active video
area.This is generated using a Video
Generator and inserting the required
frequency from a RF Signal generator.
Measure in dBc, in reference to picture carrier (RFout_Ref), intermodulation
product at channel frequency plus the sound carrier frequency (+5.5 MHz)
minus the chroma frequency (
−4.43 MHz), resulting in the following spectrum.
Intermodulation product is at the channel frequency +1.07 MHz.
Picture Carrier Harmonics
No Video signal
No Audio signal
Measure in dBc, in reference to picture carrier (RFout_Ref), second and third
harmonic of channel frequency, resulting in the following spectrum.
Out of Band Spurious
No Video signal
No Audio signal
Measure in dB
μV spurious levels at 0.25, 0.5, 0.75 and 1.5 times channel
frequency, resulting in the following spectrum
Measure from 40 MHz to 1 GHz (Fo = 460 - 880 MHz)
.
Table 22. Performance Measurement Test Set-ups (continued)
Device and Signals Set-up
Measurement Set-up
Frequency
4.43 MHz
700 mVpp
Picture carrier
Chroma/Sound
+1.07MHz
Fo
Intermod.
Sound
+4.43MHz +5.5MHz
carrier
Chroma
carrier
Picture carrier
3rd harmonic
3Fo
Fo
2Fo
2nd harmonic
Picture carrier
Fo*3/2
Fo/2
Fo/4
Fo*3/4
Fo
Spurious



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com