Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44CC373CAS Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MC44CC373CAS
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44CC373CAS Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MC44CC373CAS Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 24Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 25Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 26Page - Freescale Semiconductor, Inc MC44CC373CAS Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Digital Home
Freescale Semiconductor
23
MC44CC373
PIN CIRCUIT SCHEMATICS
Figure 11. Pin Circuit Schematics
Pin 1: SDA
11.8k
audio
10k
Pin 5: PREM
50k
Pin 6: AUDIOIN
Pin 8: VIDEOIN
500
Pin 11: RF Output
VCC
VCC
VCC
VCC
75
VCC
10K
10K
Pin 3: LOP
VCC
8K
8K
Pin 7: SPLLFLT
VCC
Pin 14: PLLFLT
VCC
Pin 15: AUXIN
VCC
Pin 4: XTAL
Pin 16: SCL
VCC
VCC
75
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com