Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3600A/40SF Datasheet (PDF) - 3M Electronics

3600A/40SF Datasheet PDF - 3M Electronics
Part # 3600A/40SF
Download  3600A/40SF Download
File Size   1274.6 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Round, Shielded/Jacketed, Disc. Wire Cable

3600A/40SF Datasheet (PDF)

Go To PDF Page Download Datasheet
3600A/40SF Datasheet PDF - 3M Electronics

Part # 3600A/40SF
Download  3600A/40SF Click to download

File Size   1274.6 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Round, Shielded/Jacketed, Disc. Wire Cable

3600A/40SF Datasheet (HTML) - 3M Electronics


3600A/40SF Product details

Features
■ Meets external wiring requirements of National

Applications
■ Dual shielding with aluminum film foil and copper
■ braid provides excellent EMI/ESD protection
■ Wires are color coded for easy identification
■ 35 db average shielding effectiveness
■ See Regulatory Information Appendix (RIA) for chemical compliance information (RIA E1 & C1 apply) Date Modified: May 11, 200 TS-0388-B Sheet 1 of 2 Physical Jacket Material: Polyvinyl Chloride (PVC); Color: Beige Primary Material: PVC




Similar Part No. - 3600A/40SF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3600 BOURNS-3600 Datasheet
198Kb / 1P
10-Turn Precision Knobpot
logo
Pomona Electronics
3600 POMONA-3600 Datasheet
33Kb / 3P
Assembly Instructions Triaxial Cable Plug
logo
ebm-papst
3600 EBMPAPST-3600 Datasheet
423Kb / 1P
TUBEAXIAL
3600 EBMPAPST-3600 Datasheet
290Kb / 4P
AC axial compact fan
logo
Coto Technology
3600 COTO-3600 Datasheet
1Mb / 2P
3600 SERIES/LOW THERMAL EMF REED RELAYS
More results


Similar Description - 3600A/40SF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3647B 3M-3647B Datasheet
45Kb / 2P
Round, Shielded/Jacketed, Discrete Wire Cable
29-Jul-1999
3659 3M-3659 Datasheet
258Kb / 2P
3M Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
3644 3M-3644 Datasheet
870Kb / 6P
3M Round, Shielded/Jacketed, Disc. Wire Cable 28 AWG Stranded, Twisted Pair, PO/PVC
13-May-2009
3659 3M-3659_1 Datasheet
1Mb / 5P
3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
11-May-2009
HF625 3M-HF625 Datasheet
917Kb / 3P
3M™ Round Conductor Flat Cable
03-Dec-2010
3625 3M-3625 Datasheet
830Kb / 6P
3M™ Round Conductor Flat Cable
13-May-2009
3659 3M-3659 Datasheet
35Kb / 2P
050, Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
3M Round, Jacketed, Flat Cable
07-Jun-2013
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
07-May-2009
3896 3M-3896 Datasheet
752Kb / 5P
3M??Round, Jacketed, Flat Cable .025 30 AWG Stranded, Mass-Term, PVC/PVC
May 14, 2009
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com