Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBP2005G Datasheet (PDF) - Micro Commercial Components

KBP2005G Datasheet PDF - Micro Commercial Components
Part # KBP2005G
Download  KBP2005G Download
File Size   104.5 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 2 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts

KBP2005G Datasheet (PDF)

Go To PDF Page Download Datasheet
KBP2005G Datasheet PDF - Micro Commercial Components

Part # KBP2005G
Download  KBP2005G Click to download

File Size   104.5 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 2 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts

KBP2005G Datasheet (HTML) - Micro Commercial Components


KBP2005G Product details

Features
• Ideal for printed circuit board
• Lead: Silver Plated Cooper Lead
• Halogen free available upon request by adding suffix "-HF"
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)




Similar Part No. - KBP2005G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G Datasheet
52Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. F-2
KBP2005G DIODES-KBP2005G Datasheet
75Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. 10 - 2
logo
SeCoS Halbleitertechnol...
KBP2005G SECOS-KBP2005G Datasheet
157Kb / 2P
VOLTAGE 50V ~ 1000V 2 AMP Bridge Rectifiers
logo
Compact Technology Corp...
KBP2005G CTC-KBP2005G Datasheet
53Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results


Similar Description - KBP2005G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005 Datasheet
89Kb / 2P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
RL201GP MCC-RL201GP Datasheet
83Kb / 3P
2 Amp Glass Passivated Rectifier 50 to 1000 Volts
GBJ10005 MCC-GBJ10005_10 Datasheet
110Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ20005 MCC-GBJ20005_11 Datasheet
362Kb / 3P
20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
RL201GP MCC-RL201GP_11 Datasheet
193Kb / 4P
2 Amp Glass Passivated Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBP2005G MCC-KBP2005G_18 Datasheet
403Kb / 3P
2 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
UD2KB05 MCC-UD2KB05_17 Datasheet
312Kb / 3P
2 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
RL201GP MCC-RL201GP_17 Datasheet
208Kb / 4P
2 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com