Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT3904-TP Datasheet (PDF) - Micro Commercial Components

MMDT3904-TP Datasheet PDF - Micro Commercial Components
Part # MMDT3904-TP
Download  MMDT3904-TP Download
File Size   113.23 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200mW Plastic-Encapsulate Transistors

MMDT3904-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
MMDT3904-TP Datasheet PDF - Micro Commercial Components

Part # MMDT3904-TP
Download  MMDT3904-TP Click to download

File Size   113.23 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200mW Plastic-Encapsulate Transistors

MMDT3904-TP Datasheet (HTML) - Micro Commercial Components


MMDT3904-TP Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Collector-Current:IC=0.2A
• Epitaxial planar die construction
• Ideal for low power amplification and switching
• Marking: K6N
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - MMDT3904-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3904-7 DIODES-MMDT3904-7 Datasheet
60Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 7 - 2
MMDT3904-7-F DIODES-MMDT3904-7-F Datasheet
121Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 11 - 2
MMDT3904-7-F DIODES-MMDT3904-7-F Datasheet
202Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 14 - 2
MMDT3904-7-F DIODES-MMDT3904-7-F Datasheet
351Kb / 6P
40V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 18
logo
Comchip Technology
MMDT3904-HF COMCHIP-MMDT3904-HF Datasheet
485Kb / 5P
Dual Transistor
REV:A
More results


Similar Description - MMDT3904-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS40WT MCC-BAS40WT_11 Datasheet
180Kb / 3P
200mW 40Volt Plastic-Encapsulate Diode
DAN217U MCC-DAN217U Datasheet
215Kb / 3P
200mW 80Volt Plastic-Encapsulate Diode
MMDT3904 MCC-MMDT3904_11 Datasheet
219Kb / 2P
200mW Plastic-Encapsulate Transistors
BAV99BRW MCC-BAV99BRW_13 Datasheet
281Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV199DW MCC-BAV199DW_13 Datasheet
583Kb / 3P
200mW 85Volt Plastic-Encapsulate Diode
BAV99DW-TP MCC-BAV99DW-TP Datasheet
226Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
DAN217U MCC-DAN217U_13 Datasheet
334Kb / 3P
200mW 80Volt Plastic-Encapsulate Diode
BC856BS MCC-BC856BS Datasheet
301Kb / 3P
PNP Plastic-Encapsulate Transistors 200mW
BC856S MCC-BC856S Datasheet
468Kb / 3P
PNP Plastic-Encapsulate Transistors 200mW
MMDT3904 MCC-MMDT3904_13 Datasheet
247Kb / 2P
Plastic-Encapsulate Transistors 200mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com