Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC13143 Datasheet (PDF) - Motorola, Inc

MC13143 Datasheet PDF - Motorola, Inc
Part # MC13143
Download  MC13143 Download
File Size   459.82 Kbytes
Page   9 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Ultra Low Power DC-2.4 GHz Linear Mixer

MC13143 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC13143 Datasheet PDF - Motorola, Inc

Part # MC13143
Download  MC13143 Click to download

File Size   459.82 Kbytes
Page   9 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Ultra Low Power DC-2.4 GHz Linear Mixer

MC13143 Datasheet (HTML) - Motorola, Inc


MC13143 Product details

Ultra Low Power DC - 2.4 GHz Linear Mixer

The MC13143 is a high compression linear mixer with single–ended RF input, differential IF output and differential LO inputs which consumes as little as 1.8 mW. A new circuit topology is used to achieve a high third order intermodulation intercept point, high linearity and high 1.0 dB output compression point while maintaining a linear 50 Ω input impedance. It is designed for Up or Down conversion anywhere from dc to 2.4 GHz.

Ultra Low Power: 1.0 mA @ VCC = 1.8 to 6.5 V
• Wide Input Bandwidth: DC–2.4 GHz
• Wide Output Bandwidth: DC–2.4 GHz
• Wide LO Bandwidth: DC–2.4 GHz
• High Mixer Linearity: Pi1.0 dB = 3.0 dBm

Linearity Adjustment of up to IP3in = 20 dBm
• 50 Ω Mixer Input
• Single–Ended Mixer Input
• Double Balanced Mixer Operation
• Differential Open Collector Mixer Output




Similar Part No. - MC13143

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13142D MOTOROLA-MC13142D Datasheet
165Kb / 16P
LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13144 MOTOROLA-MC13144 Datasheet
328Kb / 8P
VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13144D MOTOROLA-MC13144D Datasheet
328Kb / 8P
VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results


Similar Description - MC13143

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2456 FAIRCHILD-RMPA2456 Datasheet
935Kb / 8P
2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
RMPA2458 FAIRCHILD-RMPA2458 Datasheet
944Kb / 8P
2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
RMPA2458_059 FAIRCHILD-RMPA2458_059 Datasheet
955Kb / 9P
2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Murata Manufacturing Co...
XDM2510HC MURATA-XDM2510HC Datasheet
931Kb / 16P
2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
logo
SJM Prewell. All Rights...
PM210 SJM-PM210 Datasheet
350Kb / 5P
Ultra-linear Mixer
PM210 SJM-PM210_V01 Datasheet
447Kb / 9P
Ultra-linear Mixer
PM213 SJM-PM213 Datasheet
416Kb / 7P
Ultra-linear Mixer
PM485 SJM-PM485 Datasheet
454Kb / 12P
Ultra-linear Mixer
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com