Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC419 Datasheet (PDF) - Semtech Corporation

SC419 Datasheet PDF - Semtech Corporation
Part # SC419
Download  SC419 Download
File Size   579.76 Kbytes
Page   24 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description EcoSpeedTM DC-DC Converter with Integrated Boost Diode

SC419 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC419 Datasheet PDF - Semtech Corporation

Part # SC419
Download  SC419 Click to download

File Size   579.76 Kbytes
Page   24 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description EcoSpeedTM DC-DC Converter with Integrated Boost Diode

SC419 Datasheet (HTML) - Semtech Corporation


SC419 Product details

Description
The SC419 is a synchronous buck power supply controller. It features a bootstrap switch in a space-saving MLPQ- 3 x 3mm 20-pin package. The device is highly efficient and uses minimal PCB area. It uses pseudo-fixed frequency adaptive on-time operation to provide fast transient response.
The SC419 supports using standard capacitor types such as electrolytic or special polymer in addition to ceramic, at switching frequencies up to 1MHz. The programmable frequency, synchronous operation, and programmable power-save provide high efficiency operation over a wide load range.

Features
■ Power system
   • Input voltage — 3V to 28V
   • Integrated bootstrap switch
   • 1% reference tolerance -40 to +85 °C
   • EcoSpeedTM architecture with pseudo-fixed 
      frequency adaptive on-time control
   • Internal soft-start and soft-shutdown at output
   • SmartDriveTM
■ Logic input/output control
   • Independent control EN for LDO and switcher
   • Programmable VIN UVLO threshold
   • Power good output
   • Selectable power save mode
   • Programmable ultrasonic power save mode
■ Protections
   • Over-voltage/under-voltage
   • TC compensated RDS(ON) sensed current limit
   • Thermal shutdown
   • Smart power save
■ Output capacitor types
   • High ESR — SP, POSCAP, OSCON
   • Ceramic capacitors
■ Package — 3 x 3mm, 20-pin MLPQ
■ Lead-free and halogen free
■ RoHS and WEEE compliant

Applications
■ Office automation and computing
■ Networking and telecommunication equipment
■ Point-of-load power supplies and module replacement




Similar Part No. - SC419

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC410 SEMTECH-SC410 Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
SC410A SEMTECH-SC410A Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410AEVB SEMTECH-SC410AEVB Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410AMLTRT SEMTECH-SC410AMLTRT Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410EVB SEMTECH-SC410EVB Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
More results


Similar Description - SC419

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC418 SEMTECH-SC418 Datasheet
659Kb / 30P
EcoSpeedTM DC-DC Buck Controller with Programmable LDO
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
1ch DC/DC boost converter
logo
Texas Instruments
LP8543 TI-LP8543 Datasheet
1Mb / 40P
High-Voltage DC/DC Boost Converter With Integrated FET
logo
ON Semiconductor
LV56351HA ONSEMI-LV56351HA Datasheet
193Kb / 9P
1ch DC/DC boost converter
August, 2013
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
1ch DC/DC boost converter
August, 2013
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
Synchronous Boost DC/DC Converter
logo
SHOUDING Shouding Semic...
SD6303 SHOUDING-SD6303 Datasheet
517Kb / 13P
PFM boost DC-DC converter
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
Synchronous boost DC-DC converter
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com