Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC419 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC419
Description  EcoSpeedTM DC-DC Converter with Integrated Boost Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC419 Datasheet(HTML) 4 Page - Semtech Corporation

  SC419 Datasheet HTML 1Page - Semtech Corporation SC419 Datasheet HTML 2Page - Semtech Corporation SC419 Datasheet HTML 3Page - Semtech Corporation SC419 Datasheet HTML 4Page - Semtech Corporation SC419 Datasheet HTML 5Page - Semtech Corporation SC419 Datasheet HTML 6Page - Semtech Corporation SC419 Datasheet HTML 7Page - Semtech Corporation SC419 Datasheet HTML 8Page - Semtech Corporation SC419 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SC419
4
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Frequency Range
Continuous mode operation
1000
kHz
Timing
On-Time
Forced continuous mode operation,
V
IN = 15V, VOUT = 5V, RTON = 300kΩ
2385
2650
2915
ns
Minimum On-Time (1)
80
ns
Minimum Off-Time(1)
250
ns
Soft-Start
Soft-Start Ramp Time(1)
V
OUT ramp from zero to programmed value
850
μs
Analog Inputs/Outputs
VOUT Input Resistance
500
kΩ
Current Sense
Zero Cross Detector Threshold
LX - PGND
-7
0
+7
mV
Power Good
Power Good Threshold
Upper limit, V
FB > internal 500mV reference
+20
%
Lower limit, V
FB < internal 500mV reference
-10
%
Start-Up Delay Time
Includes Soft-Start Ramp Time
2
ms
Fault (noise immunity) Delay Time(1)
5
µs
Leakage
1
µA
Power Good On-Resistance
10
Ω
Fault Protection
I
LIM Source Current
9
10
11
μA
I
LIM Source Current Temperature Coefficient
(1)
0.41
%/°C
I
LIM Comparator Offset
-8
0
+8
mV
Output Under-Voltage Threshold
V
FB with respect to internal 500mV reference,
8 consecutive cycles
-25
%
Smart Power-Save Protection Threshold(1)
V
FB with respect to internal 500mV reference
+10
%
Over-Voltage Protection Threshold
V
FB with respect to internal 500mV reference
+20
%
Over-Voltage Fault Delay(1)
5
μs
Over-Temperature Shutdown(1)
10°C hysteresis
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com