Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC419 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC419
Description  EcoSpeedTM DC-DC Converter with Integrated Boost Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC419 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC419 Datasheet HTML 10Page - Semtech Corporation SC419 Datasheet HTML 11Page - Semtech Corporation SC419 Datasheet HTML 12Page - Semtech Corporation SC419 Datasheet HTML 13Page - Semtech Corporation SC419 Datasheet HTML 14Page - Semtech Corporation SC419 Datasheet HTML 15Page - Semtech Corporation SC419 Datasheet HTML 16Page - Semtech Corporation SC419 Datasheet HTML 17Page - Semtech Corporation SC419 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
SC419
14
Smart Power-Save Protection
Active loads may leak current from a higher voltage into
the output. Under light load conditions with power-save
enabled, this can force V
OUT to slowly rise and reach the
over-voltage threshold, resulting in a hard shutdown.
Smart power-save prevents this condition. When the FB
voltage exceeds 10% above nominal (exceeds 550mV),
the device immediately disables power-save and DL drives
high to turn on the low-side MOSFET. This draws current
from V
OUT through the inductor and causes VOUT to fall.
When V
FB drops back to the 500mV trip point, a normal TON
switching cycle begins. This method prevents a hard OVP
shutdown and cycles energy from V
OUT back to VIN. It also
minimizes operating power by avoiding forced conduc-
tion mode operation. Figure 7 shows typical waveforms
for the Smart Power-save feature.
FB
threshold
High-side
Drive (DH)
Low-side
Drive (DL)
VOUT drifts up to due to leakage
current flowing into COUT
DH and DL off
DL turns on when Smart
PSAVE threshold is reached
Smart Power Save
Threshold (550mV)
DL turns off when FB
threshold is reached
Single DH on-time pulse
after DL turn-off
VOUT discharges via inductor
and low-side MOSFET
Normal DL pulse after DH
on-time pulse
Normal VOUT ripple
Figure 7 — Smart Power-Save
Enable Input
The EN input is a logic level input. When EN is low
(grounded), the regulator is off and in its lowest power
state. When EN is low and VDDA is above the VDDA UVLO
threshold, the output soft-discharges into the V
OUT pin
through an internal 15Ω resistor. When EN is a logic high
(>1V) the switching regulator is enabled.
The EN input has internal resistors: a 2MΩ pullup to VDDA,
and a 1MΩ pulldown to AGND. These resistors will nor-
mally cause the EN voltage to be above the logic high trip
point as VDDA reaches the VDDA UVLO threshold. To
prevent undesired or erratic startup, the EN pin should not
be allowed to float as open-circuit.
Current Limit Protection
The SC419 features programmable current limiting, which
is accomplished using the RDSON of the lower MOSFET
for current sensing. The current limit is set by R
ILIM resistor
which connects from the ILIM pin to the drain of the low-
side MOSFET. When the low-side MOSFET is on, an internal
10μA current flows from the ILIM pin and through the R
ILIM
resistor, creating a voltage drop across the resistor. While
the low-side MOSFET is on, the inductor current flows
through it and creates a voltage across the RDS
(ON). The
voltage across the MOSFET is negative with respect to
PGND. If this MOSFET voltage drop exceeds the voltage
across R
ILIM, the voltage at the ILIM pin will be negative and
current limit will activate. The current limit then keeps the
low-side MOSFET on, preventing another high-side on-
time until the current in the low-side MOSFET reduces
enough to bring the voltage at the ILIM pin back up to
zero. This method regulates the inductor valley current at
the level shown by I
LIM in Figure 8.
Time
IPEAK
ILOAD
ILIM
Figure 8 — Valley Current Limit
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com