Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC419 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC419
Description  EcoSpeedTM DC-DC Converter with Integrated Boost Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC419 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC419 Datasheet HTML 9Page - Semtech Corporation SC419 Datasheet HTML 10Page - Semtech Corporation SC419 Datasheet HTML 11Page - Semtech Corporation SC419 Datasheet HTML 12Page - Semtech Corporation SC419 Datasheet HTML 13Page - Semtech Corporation SC419 Datasheet HTML 14Page - Semtech Corporation SC419 Datasheet HTML 15Page - Semtech Corporation SC419 Datasheet HTML 16Page - Semtech Corporation SC419 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
SC419
13
maintain the desired on-time. On-time is calculated
according to the voltage at the VOUT pin.
Programmable Ultra-sonic Power-Save Operation
The device provides programmable ultra-sonic power-
save operation at light loads. The minimum operating fre-
quency is programmed by connecting a resistor from PSV
to AGND. The SC419 uses the PSV resistor to set an inter-
nal timer that monitors the time between consecutive
high-side gate pulses. If the time exceeds the programmed
timer, DL drives high to turn the low-side MOSFET on. This
draws current from V
OUT through the inductor, forcing both
V
OUT and VFB to fall. When VFB drops to the 500mV thresh-
old, the next DH on-time is triggered. After the on-time is
completed the high-side MOSFET is turned off and the
low-side MOSFET turns on, and the internal timer is
restarted. The low-side MOSFET remains on until the
inductor current ramps down to zero, at which point the
low-side MOSFET is turned off. This ends the cycle until
V
FB falls below the 500mV threshold, or the internal timer
forces another DL turn-on.
Because the period between on-times is limited to a
maximum value, a minimum operating frequency is main-
tained. Figure 5 shows ultrasonic power-save operation.
FB Ripple
Voltage (VFB)
FB threshold
(500mV)
Inductor
Current
DH
DL
(0A)
minimum frequency
After the programmable time-out, DL drives
high if VFB has not reached the FB threshold.
DH On-time is triggered when
VFB reaches the FB Threshold
On-time
(TON)
programmable time-out
Figure 5 — Ultrasonic Power-Save Operation
The equation for determining the R
PSV resistor value is
shown next. The desired minimum frequency is f
SWMIN.
SWMIN
PSV
f
pF
350
1
R
Power-Save Mode Operation
The device provides power-save operation at light loads
with no minimum operating frequency, selected by float-
ing the PSV pin (no connection). In this mode of opera-
tion, the internal zero crossing comparator monitors the
inductor current via the voltage across the low-side
MOSFET during the off-time. If the inductor current falls to
zero for 8 consecutive switching cycles, the controller
enters power-save operation. It will then turn off the low-
side MOSFET on each subsequent cycle, provided that the
current crosses zero. After the low-side MOSFET is off,
both high-side and low-sides MOSFETs remain off until V
FB
drops to the 500mV threshold. While the MOSFETs are off
the load is supplied by the output capacitor. If the induc-
tor current does not reach zero on any switching cycle, the
controller immediately exits power-save and returns to
forced continuous mode. Figure 6 shows power-save
operation at light loads.
FB Ripple
Voltage
(VFB)
FB threshold
DL
DH
Inductor
Current
Zero (0A)
DH On-time is triggered when
VFB reaches the FB Threshold.
(500mV)
On-time (TON)
DL drives high when on-time is completed.
DL remains high until inductor current reaches zero.
Dead time varies
according to load
Figure 6 — Power-Save Operation
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com