Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC419 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC419
Description  EcoSpeedTM DC-DC Converter with Integrated Boost Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC419 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC419 Datasheet HTML 11Page - Semtech Corporation SC419 Datasheet HTML 12Page - Semtech Corporation SC419 Datasheet HTML 13Page - Semtech Corporation SC419 Datasheet HTML 14Page - Semtech Corporation SC419 Datasheet HTML 15Page - Semtech Corporation SC419 Datasheet HTML 16Page - Semtech Corporation SC419 Datasheet HTML 17Page - Semtech Corporation SC419 Datasheet HTML 18Page - Semtech Corporation SC419 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
SC419
15
The current limit schematic with the R
ILIM resistor is shown
in Figure 9.
VOUT
VIN
+
CIN
Q2
+
D2
RILIM
CBST
Q1
L
PGND
DL
ILIM
LX
DH
BST
COUT
Figure 9 — Valley Current Limit
Setting the valley current limit to 10A results in a peak
inductor current of 10A plus peak ripple current. In this
situation the average current through the inductor is 10A
plus one-half the peak-to-peak ripple current.
The R
ILIM value is calculated by the next equation.
A
10
I
R
R
LIM
DSON
ILIM
Soft-Start of PWM Regulator
Soft-start is achieved in the PWM regulator by using an
internal voltage ramp as the reference for the FB compara-
tor. The voltage ramp is generated using an internal
charge pump which drives the reference from zero to
500mV in 1.2mV increments, using an internal 500kHz
oscillator. When the ramp voltage reaches 500mV, the
ramp is ignored and the FB comparator switches over to a
fixed 500mV threshold. During soft-start the output
voltage tracks the internal ramp, which limits the start-up
inrush current and provides a controlled soft-start profile.
Typical soft-start ramp time is 850μs.
During soft-start the regulator turns off the low-side
MOSFET on any cycle if the inductor current falls to zero,
regardless of the PSAVE mode setting. This prevents nega-
tive inductor current, allowing the device to start into a
pre-biased output.
Power Good Output
The PGOOD (Power Good) output is an open-drain output
which requires a pull-up resistor. When the voltage at the
FB pin is 10% below the nominal voltage, PGOOD is pulled
low. It is held low until the FB voltage returns above -8%
of nominal. PGOOD is held low during start-up and will
not be allowed to transition high until soft-start is com-
pleted (when V
FB reaches 500mV). The delay time starting
from EN going high is typically 2ms.
PGOOD will transition low if the FB voltage exceeds +20%
of nominal, which is also the over-voltage threshold
(600mV). PGOOD also pulls low if the EN pin is low when
VDDA is present.
Output Over-Voltage Protection
OVP (Over-voltage protection) becomes active as soon as
the device is enabled. The OVP threshold is set at 500mV
+ 20% (600mV). When V
FB exceeds the OVP threshold, DL
latches high and the low-side MOSFET is turned on. DL
remains high and the controller remains off until the EN
input is toggled or VDDA is cycled. There is a 5μs delay
built into the OVP detector to prevent false transitions.
PGOOD is also low after an OVP event.
Output Under-Voltage Protection
When V
FB falls 25% below its nominal voltage (falls to
375mV) for eight consecutive clock cycles, the switcher is
shut off and the DH and DL drives are pulled low to tri-
state the MOSFETs. The controller stays off until EN is
toggled or VDDA is cycled.
VDDA UVLO and POR
The VDDA Under-Voltage Lock-Out (UVLO) circuitry inhib-
its switching and tri-states the DH/DL drivers until VDDA
rises above 3.9V. When VDDA exceeds 3.9V, an internal
POR (Power-On Rese) resets the fault latch and the soft-
start counter and then the SC419 begins the soft-start
cycle. The device will shut off if VDDA falls below 3.6V.
VDDP does not have ULVO protection.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com