Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC419 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC419
Description  EcoSpeedTM DC-DC Converter with Integrated Boost Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC419 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC419 Datasheet HTML 7Page - Semtech Corporation SC419 Datasheet HTML 8Page - Semtech Corporation SC419 Datasheet HTML 9Page - Semtech Corporation SC419 Datasheet HTML 10Page - Semtech Corporation SC419 Datasheet HTML 11Page - Semtech Corporation SC419 Datasheet HTML 12Page - Semtech Corporation SC419 Datasheet HTML 13Page - Semtech Corporation SC419 Datasheet HTML 14Page - Semtech Corporation SC419 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
SC419
11
General Description
The SC419 is a step down synchronous DC-DC buck con-
troller. It provides high efficiency operation in a space
saving 3 x 3 (mm) 20-pin package. The programmable
operating frequency range from 200kHz to 1MHz enables
optimizing the configuration for PCB area and efficiency.
The controller uses a pseudo-fixed frequency adaptive
on-time control. This allows fast transient response which
permits the use of smaller output capacitors.
Input Voltage Requirements
The SC419 requires three input supplies for normal opera-
tion: V
IN, VDDA, and VDDP. VIN can operate over the wide
range of 3V to 28V. VDDA and VDDP require an external
5V supply. VDDA and VDDP should be connected to the
same source voltage.
Psuedo-fixed Frequency Adaptive On-time Control
The PWM control method used by the SC419 is pseudo-
fixed frequency, adaptive on-time, as shown in Figure 1.
The ripple voltage generated at the output capacitor ESR
is used as a PWM ramp signal. This ripple is used to trigger
the on-time of the controller.
Q1
Q2
L
COUT
ESR
+
CIN
VOUT
FB Threshold
VFB
VLX
VLX
TON
FB
VIN
Figure 1 — PWM Control Method, V
OUT Ripple
The adaptive on-time is determined by an internal one-
shot timer. When the one-shot is triggered by the output
ripple, the device sends a single on-time pulse to the high-
side MOSFET. The pulse period is determined by V
OUT and
V
IN. The period is proportional to output voltage and
inversely proportional to input voltage. With this adaptive
on-time configuration, the device automatically antici-
pates the on-time needed to regulate V
OUT for the present
V
IN condition and at the selected frequency.
The advantages of adaptive on-time control are:
Predictable operating frequency compared to
other variable frequency methods.
Reduced component count by eliminating the
error amplifier and compensation components.
Reduced component count by removing the
need to sense and control inductor current.
Fast transient response — the response time is
controlled by a fast comparator instead of a typi-
cally slow error amplifier.
Reduced output capacitance due to fast tran-
sient response.
One-Shot Timer and Operating Frequency
One-shot timer operation is shown in Figure 2. The FB
comparator output goes high when V
FB is less than the
internal 500mV reference. This feeds into the gate drive
and turns on the high-side MOSFET, and also starts the
one-shot timer. The one-shot timer uses an internal com-
parator and a capacitor. One comparator input is con-
nected to V
OUT, the other input is connected to the
capacitor. When the on-time begins, the internal capaci-
tor charges from zero volts through a current which is
proportional to V
IN. When the capacitor voltage reaches
V
OUT, the on-time is completed and the high-side MOSFET
turns off.
Gate
Drives
FB Comparator
One-Shot
Timer
On-time = K x RTON x (VOUT/VIN)
VOUT
VIN
FB
500mV
Q1
Q2
L
COUT
VIN
ESR
+
VOUT
VLX
FB
DH
DL
RTON
+
-
Figure 2 — On-Time Generation
•
•
•
•
•
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com