Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC419 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC419
Description  EcoSpeedTM DC-DC Converter with Integrated Boost Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC419 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC419 Datasheet HTML 8Page - Semtech Corporation SC419 Datasheet HTML 9Page - Semtech Corporation SC419 Datasheet HTML 10Page - Semtech Corporation SC419 Datasheet HTML 11Page - Semtech Corporation SC419 Datasheet HTML 12Page - Semtech Corporation SC419 Datasheet HTML 13Page - Semtech Corporation SC419 Datasheet HTML 14Page - Semtech Corporation SC419 Datasheet HTML 15Page - Semtech Corporation SC419 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
SC419
12
This method automatically produces an on-time that is
proportional to V
OUT and inversely proportional to VIN.
Under steady-state conditions, the switching frequency
can be determined from the on-time by the following
equation.
IN
ON
OUT
SW
V
T
V
f
The SC419 uses an external resistor to set the on-time
which indirectly sets the frequency. The on-time can be
programmed to provide an operating frequency from
200kHz to 1MHz using a resistor between the TON pin and
ground. The resistor value is
selected by the following
equation.
OUT
IN
ON
TON
V
pF
25
V
)
ns
10
T
(
R
The maximum R
TON value allowed is shown by the follow-
ing equation.
A
15
V
R
MIN
_
IN
MAX
_
TON
Immediately after the on-time, the DL output drives high
to energize the low-side MOSFET. DL has a minimum high
time of ~250ns, after which DL continues to stay high until
one of the following occurs:
VFB falls below the 500mV reference
The Zero Cross Detector trips if power-save is
active
V
OUT Voltage Selection
The output voltage is regulated by comparing V
OUT as seen
through a resistor divider at the FB pin to the internal
500mV reference (see Figure 3).
R1
To FB pin
R2
VOUT
Figure 3 — Output Voltage Selection
Note that this control method regulates the valley of the
output ripple voltage, not the DC value. The DC value of
V
OUT is offset by the output ripple according to the follow-
ing equation.
•
•
2
V
R
R
1
5
.
0
V
RIPPLE
2
1
OUT
Forced Continuous Mode Operation
The SC419 operates in FCM (Forced Continuous Mode) by
connecting the PSV pin to VDDA. (The PSV pin should not
exceed the VDDA supply.) See Figure 4 for FCM waveforms.
In this mode one of the power MOSFETs is always on, with
no intentional dead time other than to avoid cross-con-
duction. This results in uniform frequency across the full
load range with the trade-off being reduced efficiency at
light loads due to the high-frequency switching of the
MOSFETs.
FB Ripple
Voltage (VFB)
FB threshold
DL
DH
Inductor
Current
DC Load Current
DH on-time is triggered when
VFB reaches the FB Threshold.
(500mV)
On-time
(TON)
DL drives high when on-time is completed.
DL remains high until VFB falls to the FB threshold.
Figure 4 — Forced Continuous Mode Operation
The switcher output voltage can be programmed higher
than 5V with careful design. In this case the VOUT pin
cannot connect directly to the switcher output due to its
the maximum voltage rating. An additional resistor
divider network is required to connect from the switcher
output to the VOUT pin. The voltage at the VOUT pin
should be at least 500mV lower than the VDDA supply, to
prevent the VLDO switch-over function. For example, the
voltage at the VOUT pin can be 4V if VDDA is set for 5V.
When the SC418 operates from an external power source
and the LDO is disabled by grounding the ENL pin, the
voltage at the VOUT pin can be as high as shown in
Recommended Operating Conditions. Note that RTON
must be adjusted higher by the same divider ratio to
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com