Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2968 Datasheet (PDF) - RF Micro Devices

RF2968 Datasheet PDF - RF Micro Devices
Part # RF2968
Download  RF2968 Download
File Size   150.08 Kbytes
Page   20 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description BLUETOOTHTM TRANSCEIVER

RF2968 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2968 Datasheet PDF - RF Micro Devices

Part # RF2968
Download  RF2968 Click to download

File Size   150.08 Kbytes
Page   20 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description BLUETOOTHTM TRANSCEIVER

RF2968 Datasheet (HTML) - RF Micro Devices


RF2968 Product details

Product Description
The RF2968 is a monolithic integrated circuit intended for use as a low-cost FSK transceiver in Bluetooth applications. The device is provided in 32-lead plastic LPCC packaging and is designed to provide a fully-functional FSK transceiver. The chip is intended for Bluetooth applications in the 2.4GHz to 2.5GHz ISM band. The IF and demodulation sections of the chip require no external filters or discriminators. The chip also features an image reject front end and a fully programmable synthesizer with integrated oscillator circuitry. Self-calibrating RX and TX IF circuitry optimizes link performance and eliminates manufacturing variations.

Features
• Fully Monolithic Integrated Transceiver
• Self-Calibrating Transceiver
• Image Reject Receiver
• Bluetooth and BlueRF compatible
• Supports Reference Clocks to 40MHz
• Smallest Footprint Bluetooth Transceiver

Typical Applications
• Bluetooth GSM/GPRS/EDGE Cellular Phones
• Bluetooth Wireless LAN
• Cordless Phones
• Battery-Powered Portable Devices




Similar Part No. - RF2968

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2908 RFMD-RF2908 Datasheet
534Kb / 18P
915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
More results


Similar Description - RF2968

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9830 NSC-LMX9830 Datasheet
940Kb / 46P
BluetoothTM Serial Port Module
logo
California Eastern Labs
UPG2150T5L CEL-UPG2150T5L_07 Datasheet
177Kb / 10P
SP3T SWITCH FOR BluetoothTM AND 802.11b/g
UPG2250T5N CEL-UPG2250T5N Datasheet
313Kb / 12P
1.8 V, POWER AMPLIFIER FOR BluetoothTM Class 1
UPG2314T5N_0607 CEL-UPG2314T5N_0607 Datasheet
292Kb / 10P
POWER AMPLIFIER FOR BluetoothTM Class 1
logo
SiGe Semiconductor, Inc...
PA2423L-EK1 SIGE-PA2423L-EK1 Datasheet
132Kb / 8P
RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
PA2423U-EK1 SIGE-PA2423U-EK1 Datasheet
143Kb / 8P
RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
logo
STMicroelectronics
STLC2500C STMICROELECTRONICS-STLC2500C Datasheet
39Kb / 4P
BluetoothTM EDR Single Chip
29-Jan-2006
logo
NEC
UPG2150T5L NEC-UPG2150T5L Datasheet
90Kb / 9P
SP3T SWITCH FOR BluetoothTM AND 802.11b/g
logo
Renesas Technology Corp
UPG2413T6M RENESAS-UPG2413T6M Datasheet
248Kb / 15P
SP3T SWITCH FOR BluetoothTM AND 802.11b/g
logo
California Eastern Labs
UPG2314T5N_V1 CEL-UPG2314T5N_V1 Datasheet
533Kb / 10P
POWER AMPLIFIER FOR BluetoothTM Class 1
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com