Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3575 Datasheet (PDF) - Rohm

BA3575 Datasheet PDF - Rohm
Part # BA3575
Download  BA3575 Download
File Size   224.74 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low-current audio headphone driver

BA3575 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA3575 Datasheet PDF - Rohm

Part # BA3575
Download  BA3575 Click to download

File Size   224.74 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low-current audio headphone driver

BA3575 Datasheet (HTML) - Rohm


BA3575 Product details

The BA3575FS is a headphone driver with an AVC circuit that keeps the output below a fixed level. It features low current consumption, and low output noise, and is ideal for use in portable digital audio equipment.



• Features

1) Low current consumption (when VCC = 2.4 V, the quiescent current is 4.9mA).

2) Suitable for use in digital audio equipment (voltage gain: GV = 11.8dB, output noise voltage: VNO = –102dBm typ.).

3) ATT circuit (gain switch).

4) AVC (Auto Volume Control) circuit, for output limiting.

5) Internal standby switch.

6) Internal mute switch.

7) Internal ripple filter.

8) No output coupling capacitor required.

9) Internal beep circuit.

10) SSOP-A20 package.



• Applications

  Portable CD players



 




Similar Part No. - BA3575

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3570F ROHM-BA3570F Datasheet
183Kb / 10P
ALS headphone driver
BA3570FS ROHM-BA3570FS Datasheet
183Kb / 10P
ALS headphone driver
BA3571 ROHM-BA3571 Datasheet
78Kb / 4P
Headphone driver for portable CD players
BA3571F ROHM-BA3571F Datasheet
78Kb / 4P
Headphone driver for portable CD players
BA3574BFS ROHM-BA3574BFS Datasheet
187Kb / 11P
Low-current audio headphone driver
More results


Similar Description - BA3575

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
Internet Audio DAC with Integrated Headphone Driver
logo
Rohm
BA3574BFS ROHM-BA3574BFS Datasheet
187Kb / 11P
Low-current audio headphone driver
BA3576FS ROHM-BA3576FS Datasheet
139Kb / 8P
Low power consumption headphone driver for digital audio
BA3577FS ROHM-BA3577FS Datasheet
159Kb / 10P
Low power consumption headphone driver for digital audio
BA3578FS ROHM-BA3578FS Datasheet
227Kb / 11P
Headphone driver for digital audio
logo
Elite Semiconductor Mem...
AD82550A ESMT-AD82550A Datasheet
186Kb / 3P
Stereo Digital Audio Amplifier with Headphone Driver
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
Stereo Digital Audio Amplifier with Headphone Driver
logo
Anpec Electronics Corop...
APA2180 ANPEC-APA2180 Datasheet
593Kb / 22P
Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2181 ANPEC-APA2181 Datasheet
583Kb / 21P
Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com