Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA5204F Datasheet (PDF) - Rohm

BA5204F Datasheet PDF - Rohm
Part # BA5204F
Download  BA5204F Download
File Size   149.11 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 3V / 35mW dual power amplifier

BA5204F Datasheet (PDF)

Go To PDF Page Download Datasheet
BA5204F Datasheet PDF - Rohm

Part # BA5204F
Download  BA5204F Click to download

File Size   149.11 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 3V / 35mW dual power amplifier

BA5204F Datasheet (HTML) - Rohm


BA5204F Product details

The BA5204F is a dual-channel power amplifier designed for 3V stereo headphone tape players. There is almost no “pop” sound generated when the power is switched on and off, so this IC is ideal for headphone applications. Input coupling capacitors are not required, and only one filter capacitor is needed which helps reduce set size. In addition to operating off low voltage, the IC has low distortion, making it suitable for Hi-Fi applications. The circuit can operate down to 1.5V, and has excellent ripple rejection ratio, so it is not adversely influenced by the motor or tape transport systems.

Features
1) Rated output of 35mW (RL = 32Ω) off a 3V power supply.
2) Low “pop” noise when power is switched on and off.
3) Low quiescent current (13mA).
4) Excellent ripple rejection ratio (38dB).
5) Begins operating at 1.5V.
6) Low distortion (0.05% at PO = 5mW).
7) Good voltage gain balance between channels.
8) Good channel separation (60dB Typ.).
9) Input coupling capacitors not required.
10) Symmetrical pin assignments facilitates PCB design.

Applications
    3V compact cassette headphone stereos players, micro cassette players, and FM stereo radios




Similar Part No. - BA5204F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA520 ETC1-BA520 Datasheet
163Kb / 1P
Silicljeve planarne signalne diode Silicon planar signal diodes
logo
Rohm
BA5208AF ROHM-BA5208AF Datasheet
381Kb / 5P
3V 400MW BTL POWER AMPLIFIER
More results


Similar Description - BA5204F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7118S PANASONIC-AN7118S Datasheet
33Kb / 3P
Low Voltage Dual 35mW Audio Power Amplifier Circuits BTL 300mW
logo
RF Micro Devices
RF2174 RFMD-RF2174 Datasheet
129Kb / 12P
3V DCS POWER AMPLIFIER
logo
Rohm
BA3513AFS ROHM-BA3513AFS Datasheet
124Kb / 7P
3V dual pre / power amplifier
BA3516 ROHM-BA3516 Datasheet
95Kb / 5P
3V dual pre/power amplifier
logo
RF Micro Devices
RF2173 RFMD-RF2173_06 Datasheet
172Kb / 14P
3V GSM POWER AMPLIFIER
RF2174 RFMD-RF2174_06 Datasheet
163Kb / 16P
3V DCS POWER AMPLIFIER
RF5110G RFMD-RF5110G Datasheet
233Kb / 18P
3V GSM POWER AMPLIFIER
RF5111 RFMD-RF5111 Datasheet
171Kb / 14P
3V DCS POWER AMPLIFIER
RF5110 RFMD-RF5110_1 Datasheet
278Kb / 14P
3V GSM POWER AMPLIFIER
RF2174 RFMD-RF2174_1 Datasheet
321Kb / 16P
3V DCS POWER AMPLIFIER
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com